Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV52HR Datasheet(PDF) 4 Page - STMicroelectronics

Part # BYV52HR
Description  Aerospace 30 A - 200 V fast recovery rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYV52HR Datasheet(HTML) 4 Page - STMicroelectronics

  BYV52HR Datasheet HTML 1Page - STMicroelectronics BYV52HR Datasheet HTML 2Page - STMicroelectronics BYV52HR Datasheet HTML 3Page - STMicroelectronics BYV52HR Datasheet HTML 4Page - STMicroelectronics BYV52HR Datasheet HTML 5Page - STMicroelectronics BYV52HR Datasheet HTML 6Page - STMicroelectronics BYV52HR Datasheet HTML 7Page - STMicroelectronics BYV52HR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Package information
BYV52HR
4/8
Doc ID 17395 Rev 1
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 2.
Metal flange mount package (TO-254(a)), 3 lead dimension definitions
a.
The terminal identification is specified by the device configuration. See Figure 1 for terminal connections
B
A
C
D
E
ØF
G
H
ØI
J
K
K
L
ØM
N
R1
R2
1
2
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com