Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6370Q Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6370Q
Description  2.5 A single high-side smart power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370Q Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6370Q Datasheet HTML 8Page - STMicroelectronics L6370Q Datasheet HTML 9Page - STMicroelectronics L6370Q Datasheet HTML 10Page - STMicroelectronics L6370Q Datasheet HTML 11Page - STMicroelectronics L6370Q Datasheet HTML 12Page - STMicroelectronics L6370Q Datasheet HTML 13Page - STMicroelectronics L6370Q Datasheet HTML 14Page - STMicroelectronics L6370Q Datasheet HTML 15Page - STMicroelectronics L6370Q Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Circuit description
L6370Q
12/16
Doc ID 022313 Rev 1
The hysteresis (see Figure 4) ensures a non intermittent behavior at low supply voltage with
a superimposed ripple. The under voltage status is signalled via the DIAG1 and DIAG2
outputs (see the Diagnostic Truth Table 7).
3.7
Demagnetization of inductive loads
An internal zener diode, limiting the voltage across the Power MOS to between 50 and 60 V
(Vcl), provides safe and fast demagnetization of inductive loads without external clamping
devices. The maximum energy that can be absorbed from an inductive load is specified as
1J (at Tj = 85°C) (see Table 3).
Figure 6.
L6370 short circuit operation waveforms
Figure 7.
Inductive load equivalent circuit
50V
L
+VS
IS
VS
RL
IO
OUTPUT
D95IN215A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com