Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1201 Datasheet(PDF) 21 Page - STMicroelectronics

Part # RHF1201
Description  Rad-hard 12-bit 50 Msps A/D converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RHF1201_11 Datasheet HTML 17Page - STMicroelectronics RHF1201_11 Datasheet HTML 18Page - STMicroelectronics RHF1201_11 Datasheet HTML 19Page - STMicroelectronics RHF1201_11 Datasheet HTML 20Page - STMicroelectronics RHF1201_11 Datasheet HTML 21Page - STMicroelectronics RHF1201_11 Datasheet HTML 22Page - STMicroelectronics RHF1201_11 Datasheet HTML 23Page - STMicroelectronics RHF1201_11 Datasheet HTML 24Page - STMicroelectronics RHF1201_11 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
RHF1201
Electrical characteristics (unchanged after 300 kRad)
Doc ID 12585 Rev 5
21/34
7.2
Driving the analog input
Figure 46.
Equivalent VIN - VINB (differential input)
Figure 47.
Maximum input swing on each VIN or VINB input
Figure 48.
Optimized single-ended configuration at VREFP = 1 V (DC coupling)
AM04541
INCM (level 0, code 2047)
(level - FS, code 0)
(level +FS, code 4095)
FS (full-scale)
= 2(VREFP - VREFM)
VIN
VINB
VIN -VINB
AM04542
+1.6 V (high input max)
0 V (ground)
- 0.2 V (low input min)
AM04543
VIN
VINB
External
VIN
INCM
Ground
INCM
VIN -VINB
REFM
+1.6 V (high input max)
INCM
0 V (ground)
- 0.2 V (low input min)
Vp -p
REFP
External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com