Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1201 Datasheet(PDF) 23 Page - STMicroelectronics

Part # RHF1201
Description  Rad-hard 12-bit 50 Msps A/D converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button RHF1201_11 Datasheet HTML 19Page - STMicroelectronics RHF1201_11 Datasheet HTML 20Page - STMicroelectronics RHF1201_11 Datasheet HTML 21Page - STMicroelectronics RHF1201_11 Datasheet HTML 22Page - STMicroelectronics RHF1201_11 Datasheet HTML 23Page - STMicroelectronics RHF1201_11 Datasheet HTML 24Page - STMicroelectronics RHF1201_11 Datasheet HTML 25Page - STMicroelectronics RHF1201_11 Datasheet HTML 26Page - STMicroelectronics RHF1201_11 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
RHF1201
Electrical characteristics (unchanged after 300 kRad)
Doc ID 12585 Rev 5
23/34
Figure 50.
Differential implementation using a balun
Figure 51.
Single-to-differential implementation with op-amps
With (Vout-diff) = (2R2/R1) x (Vin-single) and the following conditions on resistors:
R1/(R1+R2) = R3/(R3+R4) and R4/(R6+R4) = (R5+R2)/R1 (refer to the RHF310-330-350
datasheet for the choice of R2).
Some applications may require a single-ended input, which can easily be achieved with the
configuration shown in Figure 52. However, with this type of configuration a degradation in
the rated performance of the RHF1201 may occur, compared to a differential configuration.
To avoid this, a sufficiently decoupled DC reference should be used to bias the RHF1201
inputs. One may also use an AC-coupled analog input and set the DC analog level with a
high value resistor R (10 k
Ω to 100 kΩ) connected to a proper DC source.
AM04545
100 nF* ceramic
(as close as
possible to
INCM pin)
50
Ω
100 pF
ADT1 -1
1:1
Analog input signal
50
Ω track
Short track
470 nF* ceramic
(as close as possible
to the transformer)
External
INCM
(optional)
*the use of a ceramic technology is
preferable for a large bandwidth
stability of the capacitor
VIN
VINB
INCM
RHF1201
REFM
REFP
Ground
(50
Ω output)
AM06134
External INCM
(optional)
VIN
VINB
INCM
RHF1201
REFM
REFP
Ground
RHF310
RHF330
RHF350
R4
R2
R5
+
Vin - single
GND
R3
R1
R6
R2
R4
INCM
-Vinpp x R2/R1
GND
Riso
Riso
0 V
INCM
_
RHF310
RHF330
RHF350
+
_
Vinpp
+Vinpp x R2/R1
1 V
2 Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com