Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH40N6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STRH40N6
Description  Rad-Hard N-channel 60 V, 30 A Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40N6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STRH40N6 Datasheet HTML 8Page - STMicroelectronics STRH40N6 Datasheet HTML 9Page - STMicroelectronics STRH40N6 Datasheet HTML 10Page - STMicroelectronics STRH40N6 Datasheet HTML 11Page - STMicroelectronics STRH40N6 Datasheet HTML 12Page - STMicroelectronics STRH40N6 Datasheet HTML 13Page - STMicroelectronics STRH40N6 Datasheet HTML 14Page - STMicroelectronics STRH40N6 Datasheet HTML 15Page - STMicroelectronics STRH40N6 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Order codes
STRH40N6
14/16
Doc ID 18351 Rev 5
7
Order codes
Contact ST sales office for information about the specific conditions for tape and reel, product in die form
and other packages.
Table 14.
Ordering information
Order codes
ESCC part
number
Quality
level
EPPL
Package
Lead
finish
Marking
Packing
STRH40N6S1
-
Engineering
model
-
SMD-0.5
Gold
STRH40N6FSY1
+BeO
Strip
pack
STRH40N6SG
TBD
ESCC flight Target
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com