Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH40N6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STRH40N6
Description  Rad-Hard N-channel 60 V, 30 A Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40N6 Datasheet(HTML) 5 Page - STMicroelectronics

  STRH40N6 Datasheet HTML 1Page - STMicroelectronics STRH40N6 Datasheet HTML 2Page - STMicroelectronics STRH40N6 Datasheet HTML 3Page - STMicroelectronics STRH40N6 Datasheet HTML 4Page - STMicroelectronics STRH40N6 Datasheet HTML 5Page - STMicroelectronics STRH40N6 Datasheet HTML 6Page - STMicroelectronics STRH40N6 Datasheet HTML 7Page - STMicroelectronics STRH40N6 Datasheet HTML 8Page - STMicroelectronics STRH40N6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STRH40N6
Electrical characteristics
Doc ID 18351 Rev 5
5/16
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Pre-irradiation
Table 5.
Pre-irradiation on/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDSS
Zero gate voltage drain
current (VGS = 0)
80% BVDss
10
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = 20 V
VGS = -20 V
-100
100
nA
BVDSS
(1)
1.
This rating is guaranteed @ TJ ≥ 25 °C (see Figure 10: Normalized BVDSS vs temperature).
Drain-to-source breakdown
voltage
VGS = 0, ID = 1 mA
60
V
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 1 mA
2
4.5
V
RDS(on)
Static drain-source on
resistance
VGS = 12 V
ID = 15 A
0.036
0.045
Ω
Table 6.
Pre-irradiation dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
(1)
Crss
1.
This value is guaranteed over the full range of temperature.
Input capacitance
Output capacitance
Reverse transfer
capacitance
VGS = 0, VDS = 25 V,
f=1MHz
1312
281
111
1640
351
139
1968
421
167
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-to-source charge
Gate-to-drain (“Miller”)
charge
VDD = 30 V, ID = 40 A,
VGS=12 V
35
9
12
43
11
15
52
13
18
nC
nC
nC
RG
(2)
2.
Not tested, guaranteed by process.
Gate input resistance
f=1MHz Gate DC Bias=0
Test signal level=20 mV
open drain
1.04
1.3
1.56
Ω
Table 7.
Pre-irradiation switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 30 V, ID = 20 A,
RG = 4.7 Ω, VGS = 12 V
13
26
18
7
17
59
33
11.5
21
92
48
16
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com