Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH100N6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STRH100N6
Description  Rad-Hard N-channel, 60 V, 80 A Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STRH100N6 Datasheet HTML 10Page - STMicroelectronics STRH100N6 Datasheet HTML 11Page - STMicroelectronics STRH100N6 Datasheet HTML 12Page - STMicroelectronics STRH100N6 Datasheet HTML 13Page - STMicroelectronics STRH100N6 Datasheet HTML 14Page - STMicroelectronics STRH100N6 Datasheet HTML 15Page - STMicroelectronics STRH100N6 Datasheet HTML 16Page - STMicroelectronics STRH100N6 Datasheet HTML 17Page - STMicroelectronics STRH100N6 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Order codes
STRH100N6
16/18
Doc ID 18353 Rev 3
7
Order codes
Contact ST sales office for information about the specific conditions for products in die form and for other
packages.
Table 14.
Ordering information
Order codes
ESCC part
number
Quality
level
EPPL
Package
Lead
finish
Marking
Packing
STRH100N6HY1
-
Engineer
model
-
TO-254AA
Gold
STRH100N6FSY1
+ BeO
Strip
pack
STRH100N6HYG
TBD
ESCC flight Target
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com