Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX403 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX403
Description  400-3000 MHz MMIC Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX403 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX403 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 5Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
August 2010
ASX403
400-3000 MHz MMIC Amplifier
1) OIP3 measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
2) OIP3 measured with two tones at an output power of +8 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
11
S11
dB
-20
S22
dB
-9
Output IP3
dBm
38.5
Noise Figure
dB
4.5
Output P1dB
dBm
29.5
Current
mA
620
Device Voltage
V
3.3
* 100% in-house DC & RF testing is done on packaged products before taping.
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+4.0 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
23 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Frequency
MHz
900
2000
Gain
dB
16.5
11
S11
dB
-15
-20
S22
dB
-6
-9
Output IP3
dBm
38
1)
38.5
2)
Noise Figure
dB
4.7
4.5
Output P1dB
dBm
30
29.5
Current
mA
620
620
Device Voltage
V
3.3
3.3
Features
Description
Typical Performance
Absolute Maximum Ratings
·11 dB Gain at 2000 MHz
·29.5 dBm P1dB at 2000 MHz
·38.5 dBm OIP3 at 2000 MHz
·4.5 dB NF at 2000 MHz
·MTTF > 100 Years
The ASX403, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication
systems up to 3 GHz. The amplifier is available in
an SOIC-8 package and passes through the strin-
gent DC, RF, and reliability tests.
Application Circuit
·900 MHz
·2000 MHz
Product Specifications*
ASX403
Package Style: SOIC-8
Pin Configuration
Pin No.
Function
1,4,5
GND
2,3
RF IN
6,7
RF OUT
8
VCTL


Similar Part No. - ASX403

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX403 ASB-ASX403 Datasheet
833Kb / 7P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX403 ASB-ASX403_17 Datasheet
833Kb / 7P
400 ~ 3000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX403

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPF-5043Z SIRENZA-SPF-5043Z Datasheet
137Kb / 6P
400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
SPF-5122Z SIRENZA-SPF-5122Z Datasheet
141Kb / 6P
400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
logo
Advanced Semiconductor ...
ASX401 ASB-ASX401 Datasheet
3Mb / 33P
250-3000 MHz MMIC Amplifier
September 2012
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASX602 ASB-ASX602 Datasheet
1Mb / 14P
400-3000 MHz MMIC Amplifier
December 2010
ASX620 ASB-ASX620 Datasheet
654Kb / 8P
250-3000 MHz MMIC Amplifier
September 2012
ASL13W ASB-ASL13W_13 Datasheet
863Kb / 15P
5-3000 MHz MMIC Amplifier
November 2012
ASX403 ASB-ASX403_17 Datasheet
833Kb / 7P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX620 ASB-ASX620_17 Datasheet
1,007Kb / 10P
150 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com