Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX420 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX420
Description  250-3500 MHz MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX420 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX420 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2011
ASX420
250-3500 MHz MMIC Amplifier
Parameters
Units
Typical
Frequency
MHz
900
2000
2600
Gain
dB
31.5
21.5
16.5
S11
dB
-15
-15
-18
S22
dB
-7
-15
-15
Output IP3
dBm
47
1)
46
2)
46
2)
Noise Figure
dB
6.8
7.0
7.1
Output P1dB
dBm
29.5
29.5
30
Current
mA
370
370
370
Device Voltage
V
5
5
5
1) OIP3 measured with two tones at an output power of +12 dBm/tone separated by 1 MHz.
2) OIP3 measured with two tones at an output power of +15 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
900
Gain
dB
30.5
31.5
S11
dB
-15
S22
dB
-7
Output IP3
dBm
44
47
Noise Figure
dB
6.8
7.0
Output P1dB
dBm
28.5
29.5
Current
mA
340
370
400
Device Voltage
V
5
* 100% in-house DC & RF testing is done on packaged products before taping.
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
25 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Package Style: SOIC-8
Typical Performance
Absolute Maximum Ratings
·31.5 dB Gain at 900 MHz
·29.5 dBm P1dB at 900 MHz
·47 dBm Output IP3 at 900 MHz
·6.8 dB NF at 900 MHz
·MTTF > 100 Years
·Two Power Supplies
The ASX420, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication
systems up to 3.5 GHz. The amplifier is available
in an SOIC-8 package and passes through the
stringent DC, RF, and reliability tests.
Application Circuit
· LTE
· CDMA
· GSM
· RFID(USA)
· PCS
· WCDMA
· WiBro
· WLAN
· WiMAX
· 3100 ~ 3500 MHz
Product Specifications*
Pin Configuration
Pin No.
Function
1
2nd stage RF IN
2
1st stage RF OUT
3,5,8
GND
4
1st stage RF IN
6,7
2nd stage RF OUT


Similar Part No. - ASX420

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX420 ASB-ASX420 Datasheet
1Mb / 14P
250 ~ 3500 MHz MMIC Amplifier
February 2017
ASX420 ASB-ASX420_17 Datasheet
1Mb / 14P
250 ~ 3500 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX420

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AST11L ASB-AST11L Datasheet
488Kb / 7P
5-3500 MHz MMIC Amplifier
February 2010
ASX520 ASB-ASX520 Datasheet
591Kb / 9P
250-3000 MHz MMIC Amplifier
February 2010
ASX521 ASB-ASX521 Datasheet
907Kb / 12P
250-3000 MHz MMIC Amplifier
February 2010
ASL03H ASB-ASL03H Datasheet
652Kb / 11P
5 ~ 3500 MHz MMIC Amplifier
July 2014
ASX201 ASB-ASX201 Datasheet
512Kb / 21P
250 ~ 5000 MHz MMIC Amplifier
September 2013
ASX201 ASB-ASX201_17 Datasheet
1Mb / 22P
250 ~ 5000 MHz MMIC Amplifier
February 2017
ASX420 ASB-ASX420_17 Datasheet
1Mb / 14P
250 ~ 3500 MHz MMIC Amplifier
February 2017
ASX501 ASB-ASX501_17 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX521 ASB-ASX521_17 Datasheet
1Mb / 13P
250 ~ 3000 MHz MMIC Amplifier
February 2017
ASX621 ASB-ASX621_17 Datasheet
1Mb / 12P
250 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com