Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX420 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ASX420
Description  250-3500 MHz MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX420 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ASX420 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX420 Datasheet HTML 12Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12/12
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2011
ASX420
250-3500 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +15 dBm/tone se-
parated by 1 MHz.
0
500
1000
1500
2000
2500
3000
3500
4000
0
1
2
3
4
5
Frequency (MHz)
2800
3000
3200
3400
3600
3800
-40
-30
-20
-10
0
Frequency (MHz)
2800
3000
3200
3400
3600
3800
0
5
10
15
20
Frequency (MHz)
2800
3000
3200
3400
3600
3800
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
C1=56 pF
C3=56 pF
Vs=5 V
RF IN
RF OUT
C6=100pF
C7=1 mF
ASX420
D1=5.6V
Zener Diode
L1=22 nH
(Coil Inductor)
C4=1 pF
C2=0.5 pF
C5=1 pF
L2=22 nH
C8=100pF
C9=1 mF
R1=3 W
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
3100 ~ 3500 MHz
+5 V
Frequency (MHz)
3100
3500
Magnitude S21 (dB)
13.5
13
Magnitude S11 (dB)
-18
-16
Magnitude S22 (dB)
-15
-18
Output P1dB (dBm)
27.5
28.5
Output IP3 (dBm)
1)
42
47
Noise Figure (dB)
7.4
7.4
Device Voltage (V)
5
5
Current (mA)
370
370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com