Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX501 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX501
Description  250-2500 MHz MMIC Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX501 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX501 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2010
ASX501
250-2500 MHz MMIC Amplifier
Parameters
Units
Typical
Typical
Frequency
MHz
900
2000
900
2000
Gain
dB
18
11.5
18
11.5
S11
dB
-16
-15
-16
-15
S22
dB
-17
-13
-17
-13
Output IP3
dBm
47
1)
47
2)
44
1)
44
2)
Noise Figure
dB
4.7
5.0
4.7
5.0
Output P1dB
dBm
31.5
31
31.5
31
Current
mA
560
560
457
457
Device Voltage
V
5
5
4.7
4.7
1) OIP3 measured with two tones at an output power of +12 dBm/tone separated by 1 MHz.
2) OIP3 measured with two tones at an output power of +15 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
900
Gain
dB
18
18
S11
dB
-16
S22
dB
-17
Output IP3
dBm
46
47
Noise Figure
dB
4.7
4.8
Output P1dB
dBm
29.5
31.5
Current
mA
520
560
600
Device Voltage
V
5
* 100% in-house DC & RF testing is done on packaged products before taping.
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
25 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
·18dB Gain at 900 MHz
·31.5 dBm P1dB at 900 MHz
·47 dBm Output IP3 at 900 MHz
·MTTF > 100 Years
·Single Supply
The ASX501, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication
systems up to 2.5 GHz. The amplifier is available
in an SOT-89 package and passes through the
stringent DC, RF, and reliability tests.
Application Circuit
·450 ~ 470 MHz
·LTE
·CDMA
·GSM
·PCS
·WCDMA
·908 ~ 923 MHz (balanced)
Typical Performance
Product Specifications*
ASX501
Package Style: SOT-89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias


Similar Part No. - ASX501

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX501 ASB-ASX501 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX501 ASB-ASX501_17 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX501

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65009 SKYWORKS-SKY65009 Datasheet
402Kb / 13P
250 - 2500 MHz Linear Power Amplifier Driver
logo
Advanced Semiconductor ...
ASX520 ASB-ASX520 Datasheet
591Kb / 9P
250-3000 MHz MMIC Amplifier
February 2010
ASX521 ASB-ASX521 Datasheet
907Kb / 12P
250-3000 MHz MMIC Amplifier
February 2010
ASX601 ASB-ASX601 Datasheet
759Kb / 13P
250-2500 MHz MMIC Amplifier
December 2010
ASX201 ASB-ASX201 Datasheet
512Kb / 21P
250 ~ 5000 MHz MMIC Amplifier
September 2013
ASX201 ASB-ASX201_17 Datasheet
1Mb / 22P
250 ~ 5000 MHz MMIC Amplifier
February 2017
ASX501 ASB-ASX501_17 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX521 ASB-ASX521_17 Datasheet
1Mb / 13P
250 ~ 3000 MHz MMIC Amplifier
February 2017
ASX601 ASB-ASX601_17 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX621 ASB-ASX621_17 Datasheet
1Mb / 12P
250 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com