Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX520 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASX520
Description  250-3000 MHz MMIC Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX520 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASX520 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
February 2010
ASX520
250-3000 MHz MMIC Amplifier
Pin No.
Function
Pin No.
Function.
1
2nd stage RF IN
5
GND
2
1st stage RF OUT
6
2nd stage RF OUT
3
GND
7
2nd stage RF OUT
4
1st stage RF IN
8
GND
Mounting Recommendation (in mm)
Outline Drawing
Note: 1. Backside metal paddle is RF and DC ground.
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
1.40
1.50
1.60
A1
0.00
---
0.10
A2
---
1.45
---
B
0.33
---
0.51
C
0.19
---
0.25
D
4.80
---
5.00
D2
3.20
3.30
3.40
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
E2
2.30
2.40
2.50
e
---
1.27
---
L
0.40
---
1.27
y
---
---
0.10
q
---
|L1-L1’|
---
---
0.12
L1
1.04REF
Part No.
ESD Classification
HBM
Class 1B
Voltage Level: 500 V~1000 V
MM
Class A
Voltage Level: <200 V
CAUTION: ESD-sensitive device!
Moisture Sensitivity Level (MSL)
Level 3 at 260°C reflow
Note: 1. Add as much copper as possible to inner and outer layers near
the part to ensure optimal thermal performance.
2. To ensure reliable operation, device ground paddle-to-ground
pad soldering is critical.
3. Add mounting screws near the part to fasten the board to a heat
sinker. Ensure that the ground / thermal via region contacts the
heat sinker.
4. A proper heat dissipation path underneath the area of the PCB
for the mounted device is strictly required for proper thermal op-
eration. Damage to the device can result from inappropriate heat
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com