Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX520 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASX520
Description  250-3000 MHz MMIC Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX520 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASX520 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX520 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
February 2010
ASX520
250-3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +11
dBm/tone separated by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
400~430
Magnitude S21 (dB)
37.5
39
Magnitude S11 (dB)
-11
-12
Magnitude S22 (dB)
-2.5
-5
Output P1dB (dBm)
30
Output IP3
1) (dBm)
45
Noise Figure (dB)
8.3
Device Voltage (V)
5
Current (mA)
650
400 ~ 430 MHz
+5 V
C1=100 pF
C2=270 pF
Vcc=5 V
RF IN
RF OUT
C6=100pF
C7=1 mF
ASX520
D1=5.6V
Zener Diode
L1=12 nH
(Coil Inductor)
C3=22 pF
C4=100 pF
C8=100pF
C9=1 mF
L2=12 nH
2.5 mm
C5=15 pF
L4=6.8 nH
R1=3 W
3.5 mm L3=1.8 nH
300
350
400
450
500
550
600
0
10
20
30
40
50
Frequency (MHz)
300
350
400
450
500
550
600
-25
-20
-15
-10
-5
0
Frequency (MHz)
300
350
400
450
500
550
600
-15
-10
-5
0
5
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com