Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX521 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX521
Description  250-3000 MHz MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX521 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX521 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
February 2010
ASX521
250-3000 MHz MMIC Amplifier
Parameters
Units
Typical
Freq.
MHz
900
2000
2450
900
2000
2450
900
2000
2450
2700
Gain
dB
28
19
18.5
28
19
18.5
28
19
18.5
16.5
S11
dB
-15
-16
-18
-15
-16
-18
-15
-16
-18
-15
S22
dB
-11
-9
-15
-11
-9
-15
-11
-9
-15
-15
OIP3
1)
dBm
44
44
44
47
45
45
48
48
48
48
NF
dB
9
5
5.1
10
5
5.1
11
5.6
5.1
5.3
P1dB
dBm
30.5
30
30
32
31.5
31.5
32
31.5
31.5
31.5
Current
mA
510
650
870
Voltage
V
4.3
4.7
5
* Performance tested at 50 W system and a room temperature.
1) OIP3 measured with two tones at an output power of +14 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
18
19
S11
dB
-16
S22
dB
-9
Output IP3
dBm
46
48
Noise Figure
dB
5.6
5.8
Output P1dB
dBm
30
31.5
Current
mA
840
870
900
Device Voltage
V
5
* 100% in-house DC & RF testing is done on packaged products before taping.
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
25 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Description
Typical Performance
Absolute Maximum Ratings
·19 dB Gain at 2000 MHz
·31.5 dBm P1dB at 2000 MHz
·48 dBm OIP3 at 2000 MHz
·MTTF > 100 Years
·Two Power Supplies
The ASX521, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication
systems up to 3 GHz. The amplifier is available in
an SOIC-8 package and passes through the strin-
gent DC, RF, and reliability tests.
Application Circuit
·CDMA
·GSM
·WCDMA
·WiBro
·WLAN
·WiMAX
Product Specifications*
Features
Package Style: SOIC-8
Pin Configuration
Pin No.
Function
1
2nd stage RF IN
2
1st stage RF OUT
3,5,8
GND
4
1st stage RF IN
6,7
2nd stage RF OUT


Similar Part No. - ASX521

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX521 ASB-ASX521 Datasheet
1Mb / 13P
250 ~ 3000 MHz MMIC Amplifier
February 2017
ASX521 ASB-ASX521_17 Datasheet
1Mb / 13P
250 ~ 3000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX521

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX401 ASB-ASX401 Datasheet
3Mb / 33P
250-3000 MHz MMIC Amplifier
September 2012
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASX520 ASB-ASX520 Datasheet
591Kb / 9P
250-3000 MHz MMIC Amplifier
February 2010
ASX620 ASB-ASX620 Datasheet
654Kb / 8P
250-3000 MHz MMIC Amplifier
September 2012
ASX621 ASB-ASX621 Datasheet
742Kb / 10P
250-3000 MHz MMIC Amplifier
February 2010
ASL13W ASB-ASL13W_13 Datasheet
863Kb / 15P
5-3000 MHz MMIC Amplifier
November 2012
ASX521 ASB-ASX521_17 Datasheet
1Mb / 13P
250 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX620 ASB-ASX620_17 Datasheet
1,007Kb / 10P
150 ~ 3000 MHz MMIC Amplifier
February 2017
ASX621 ASB-ASX621_17 Datasheet
1Mb / 12P
250 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com