Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX521 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASX521
Description  250-3000 MHz MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX521 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASX521 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX521 Datasheet HTML 12Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
February 2010
ASX521
250-3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +14
dBm/tone separated by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters
APPLICATION CIRCUIT
WLAN
2400 ~ 2500 MHz
+5 V
1800
2000
2200
2400
2600
2800
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)
1800
2000
2200
2400
2600
2800
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)
1800
2000
2200
2400
2600
2800
3000
0
5
10
15
20
25
Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
Frequency (MHz)
2400~2500
Magnitude S21 (dB)
18.5
Magnitude S11 (dB)
-18
Magnitude S22 (dB)
-15
Output P1dB (dBm)
31.5
Output IP3
1) (dBm)
48
Noise Figure (dB)
5.1
Device Voltage (V)
5
Current (mA)
870
C1=5 pF
C3=100 pF
Vcc=5 V
RF IN
RF OUT
C6=100pF
C7=1 mF
ASX521
D1=5.6V
Zener Diode
L1=10 nH
(Coil Inductor)
C4=1.5 pF
C2=1.8 pF
C5=1 pF
C8=100pF
C9=1 mF
L2=22 nH
(Coil Inductor)
2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com