Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX602 Datasheet(PDF) 14 Page - Advanced Semiconductor Business Inc.

Part # ASX602
Description  400-3000 MHz MMIC Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX602 Datasheet(HTML) 14 Page - Advanced Semiconductor Business Inc.

Back Button ASX602 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 14Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14/14
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
December 2010
ASX602
400-3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +12 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 59.5x39.5 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
2000
2200
Magnitude S21 (dB)
9.8
9.2
Magnitude S11 (dB)
-18
-18
Magnitude S22 (dB)
-20
-20
Output P1dB (dBm)
34.5
35
Output IP3
1) (dBm)
43
41.5
Noise Figure (dB)
7.1
6.8
Device Voltage (V)
5
5
Current (mA)
1100
1100
2000 ~ 2200 MHz
+5 V
*Coupler: RN2, RCP2150A03
RF OUT
RF IN
*Coupler
R1=51 W
*Coupler
R2=51 W
C1=100 pF
Vcc=5 V
C5=100 pF
ASX602
L1=27 nH
(coil inductor)
C2=100 pF
C6=1 mF
C3=2.2 pF
C4=2.2 pF
R3=15
kW
C7=100 pF
Vcc=5 V
C11=100 pF
ASX602
C8=100 pF
C12=1 mF
C9=2.2 pF
C10=2.2 pF
R4=15
kW
L2=27 nH
(coil inductor)
1.5 mm
1.5 mm
1400
1600
1800
2000
2200
2400
2600
2800
0
2
4
6
8
10
12
Frequency (MHz)
1400
1600
1800
2000
2200
2400
2600
2800
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
1400
1600
1800
2000
2200
2400
2600
2800
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com