Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX620 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASX620
Description  250-3000 MHz MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX620 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASX620 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASX620
250-3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +15
dBm/tone separated by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
CDMA Rx
824 ~ 849 MHz
+5 V
Frequency (MHz)
824~849
Magnitude S21 (dB)
31.5
Magnitude S11 (dB)
-15
Magnitude S22 (dB)
-8
Output P1dB (dBm)
32.5
Output IP3
1) (dBm)
48
Noise Figure (dB)
6.7
Device Voltage (V)
5
Current (mA)
950
600
700
800
900
1000
1100
1200
10
15
20
25
30
35
Frequency (MHz)
600
700
800
900
1000
1100
1200
-30
-25
-20
-15
-10
-5
Frequency (MHz)
600
700
800
900
1000
1100
1200
-15
-10
-5
0
5
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
C1=68 pF
C3=68 pF
Vcc=5 V
RF IN
RF OUT
C7=100pF
C8=1 mF
ASX620
D1=5.6V
Zener Diode
L1=82 nH
(Coil Inductor)
C4=9 pF
C5=100 pF
C9=100pF
C10=1 mF
L2=100 nH
3 mm
C6=5 pF
4.5 mm
L3=2.2 nH
C2=1.8 pF
R1=3 W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com