Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX620 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX620
Description  250-3000 MHz MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX620 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX620 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX620 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASX620
250-3000 MHz MMIC Amplifier
Parameters
Units
Typical
Frequency
MHz
900
Gain
dB
29.5
S11
dB
-15
S22
dB
-8
Output IP3
1)
dBm
48
Noise Figure
dB
6.7
Output P1dB
dBm
33
Current
mA
950
Device Voltage
V
5
* Performance tested at 50 W system and a room temperature.
1) OIP3 measured with two tones at an output power of +15 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
900
Gain
dB
28.5
29.5
S11
dB
-15
S22
dB
-8
Output IP3
dBm
46
48
Noise Figure
dB
6.7
7.0
Output P1dB
dBm
31
33
Current
mA
900
950
1000
Device Voltage
V
5
* 100% in-house DC & RF testing is done on packaged products before taping.
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
25 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
*
Absolute Maximum Ratings
·29.5 dB Gain at 900 MHz
·33 dBm P1dB at 900 MHz
·48 dBm Output IP3 at 900 MHz
·MTTF > 100 Years
·Two Power Supplies
The ASX620, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication
systems up to 3 GHz. The amplifier is available in
an SOIC-8 package and passes through the strin-
gent DC, RF, and reliability tests.
Application Circuit
·196 ~ 216 MHz
·CDMA
·GSM
·RFID(USA)
Product Specifications*
ASX620
Package Style: SOIC-8
Pin Configuration
Pin No.
Function
1
2nd stage RF IN
2
1st stage RF OUT
3,5,8
GND
4
1st stage RF IN
6,7
2nd stage RF OUT


Similar Part No. - ASX620

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX620 ASB-ASX620 Datasheet
1,007Kb / 10P
150 ~ 3000 MHz MMIC Amplifier
February 2017
ASX620 ASB-ASX620_17 Datasheet
1,007Kb / 10P
150 ~ 3000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX620

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX401 ASB-ASX401 Datasheet
3Mb / 33P
250-3000 MHz MMIC Amplifier
September 2012
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASX520 ASB-ASX520 Datasheet
591Kb / 9P
250-3000 MHz MMIC Amplifier
February 2010
ASX521 ASB-ASX521 Datasheet
907Kb / 12P
250-3000 MHz MMIC Amplifier
February 2010
ASX621 ASB-ASX621 Datasheet
742Kb / 10P
250-3000 MHz MMIC Amplifier
February 2010
ASL13W ASB-ASL13W_13 Datasheet
863Kb / 15P
5-3000 MHz MMIC Amplifier
November 2012
ASX521 ASB-ASX521_17 Datasheet
1Mb / 13P
250 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX620 ASB-ASX620_17 Datasheet
1,007Kb / 10P
150 ~ 3000 MHz MMIC Amplifier
February 2017
ASX621 ASB-ASX621_17 Datasheet
1Mb / 12P
250 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com