Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE632 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE632
Description  The ACE632 is the N- and P-Channel enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE632 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE632 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACE632
N&P Pair Enhancement Mode MOSFET
VER 1.3
3
Electrical Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=250uA
N-Ch
20
V
VGS=0V, ID=250uA
P-Ch
-20
Drain-Source On Resistance
RDS(ON)
VGS=4.5V, ID=0.95A
N-Ch
0.26
0.38
Ω
VGS=-4.5V, ID=-1.0A
P-Ch
0.42
0.52
VGS=2.5V, ID=0.75A
N-Ch
0.32
0.45
VGS=-2.5V, ID=-0.8A
P-Ch
0.58
0.70
VGS=1.8V, ID=0.65A
N-Ch
0.42
0.80
VGS=-1.8V, ID=-0.5A
P-Ch
0.75
0.95
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
N-Ch
0.35
1.0
V
VDS=VGS, ID=-250uA
P-Ch
-0.35
-1.0
Gate Leakage Current
IGSS
VDS=0V, VGS=±12V
N-Ch
100
nA
VDS=0V, VGS=±12V
P-Ch
-100
Zero Gate Voltage Drain
Current
IDSS
VDS=20V, VGS=0V
N-Ch
1
uA
VDS=-20V, VGS=0V
P-Ch
-1
VDS=20V, VGS=0V
TJ=55℃
N-Ch
5
VDS=-20V, VGS=0V
TJ=55℃
P-Ch
-5
On-State Drain Current
ID(ON)
VDS≧4.5V, VGS =5V
N-Ch
2
A
VDS≦-4.5V, VGS =-5V
P-Ch
-2
Diode Forward Voltage
VSD
IS=0.5A, VGS=0V
N-Ch
0.8
1.2
V
IS=-0.5A, VGS=0V
P-Ch
-0.8
-1.2
Forward Transconductance
gfs
VDS=10V, ID=1.2A
N-Ch
2.6
S
VDS=-10V, ID=-1.0A
P-Ch
1.5
Dynamic
Total Gate Charge
Qg
N-Channel
VDS=10V, VGS=4.5V,
ID≡1.2A
P-Channel
VDS=-10V, VGS=-4.5V,
ID≡-1.0A
N-Ch
1.2
2.0
nC
P-Ch
1.1
1.8
Gate-Source Charge
Qgs
N-Ch
0.2
P-Ch
0.3
Gate-Drain Charge
Qgd
N-Ch
0.3
P-Ch
0.2
Turn-On Time
td(on)
N-Channel
VDD=10V,RL=20Ω
ID=0.5A,
N-Ch
15
25
ns
P-Ch
18
30
tr
N-Ch
20
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com