Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE632 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE632
Description  The ACE632 is the N- and P-Channel enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE632 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE632 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE632 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE632
N&P Pair Enhancement Mode MOSFET
VER 1.3
1
Description
The ACE632 is the N- and P-Channel enhancement mode power field effect transistors are produced
using high cell density, DMOS trench technology. This high density process is especially tailored to
minimize on-state resistance and provide superior switching performance. These devices are particularly
suited for low voltage applications such as notebook computer power management and other battery
powered circuits where high-side switching, low in-line power loss, and resistance to transients are
needed.
Features
N-Channel
20V/0.95A,RDS(ON)=380mΩ@VGS=4.5V
20V/0.75A,RDS(ON)=450mΩ@VGS=2.5V
20V/0.65A,RDS(ON)=800mΩ@VGS=1.8V
P-Channel
-20V/1.0A,RDS(ON)= 520mΩ@VGS=-4.5V
-20V/0.8A,RDS(ON)= 700mΩ@VGS=-2.5V
-20V/0.7A,RDS(ON)= 950mΩ@VGS=-1.8V
Super high density cell design for extremely low R
DS(ON)
Exceptional on-resistance and maximum DC current capability
Application
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
Absolute Maximum Ratings
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
N-Channel P-Channel
Drain-Source Voltage
VDS
20
-20
V
Gate-Source Voltage
VGS
±12
±12
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
1.2
-1.0
A
TA=80℃
0.9
-0.7
Pulsed Drain Current
1)
IDM
4
-3
A
Continuous Source Current (Diode Conduction)
IS
0.6
-0.6
Power Dissipation
TA=25℃
PD
0.3
W
TA=70℃
0.19


Similar Part No. - ACE632

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE633 ACE-ACE633 Datasheet
1Mb / 10P
60V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
ACE634 ACE-ACE634 Datasheet
1Mb / 9P
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
ACE6344B ACE-ACE6344B Datasheet
937Kb / 11P
N and P-Channel Enhancement Mode MOSFET
VER 1.1
ACE636B ACE-ACE636B Datasheet
505Kb / 5P
Common Drain Dual N-Channel Enhancement Mode Field Effect
VER 1.2
More results

Similar Description - ACE632

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST3400SRG STANSON-ST3400SRG Datasheet
547Kb / 6P
The ST3400SRG is the N-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
ST3422A STANSON-ST3422A Datasheet
338Kb / 6P
The ST3422A is the N-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
STN4488L STANSON-STN4488L Datasheet
644Kb / 7P
STN4488L is the N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
STN9926 STANSON-STN9926 Datasheet
648Kb / 7P
The STN9926 is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
STN9926AA STANSON-STN9926AA Datasheet
233Kb / 7P
The STN9926AA is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
STP4403 STANSON-STP4403 Datasheet
321Kb / 6P
STP4403 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP4407 STANSON-STP4407 Datasheet
545Kb / 6P
The STP4407 is the P-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
STP4931 STANSON-STP4931 Datasheet
334Kb / 6P
STP4931 is the dual P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9235 STANSON-STP9235 Datasheet
331Kb / 6P
STP9235 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9434 STANSON-STP9434 Datasheet
314Kb / 6P
STP9434 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com