Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE724 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE724
Description  18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE724 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE724 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE724
18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
VER 1.3
2
Packaging Type
SOP-8 / ESOP-8
1
8
2
7
3
6
4
5
Ordering information
Selection Guide
ACE724 XX + H
SOP-8/ESOP-8
Description
Function
1
BST
High side power transistor gate drive boost input
2
VIN
Power input, the input capacitor should be placed as close to VIN and
GND pin as possible
3
SW
Power switching node to connect inductor
4
GND
Ground
5
FB
Feedback input with reference voltage set to 0.923
6
COMP
Compensation node. A serial RC connected to this pin is required to
maintain the Buck converter control loop stable
7
EN
Enable input. Setting it to high level or connecting to Vin via a resistor
may turn on the chip, while setting it to ground level will turn off the chip
8
SS
Soft-start node. Connecting a 0.1uF capacitor to ground make the Buck
converter output rise smoothly
FM : SOP-8
IM : ESOP-8
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com