Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE724 Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE724
Description  18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE724 Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE724 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ACE724
18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
VER 1.3
7
Component selection
When setting up the ACE724 for different output voltage, please use following recommended component
value for the best performance.
VOUT(V) COUT(µF) L(µH)
12
22*2
47
8
22*2
22
5
22*2
15
3.3
22*2
10
2.5
22*2
6.8
1.8
22*2
4.7
1.2
22*2
3.3
Thermal consideration
ACE724 is high efficiency Buck converter, which means it consumes very few power when converting
the high voltage to low voltage. However, when output power is very large, like 5V/2A, the output power is
as high as 10W, a heat dissipation path is strongly recommended to be routed on PCB. ACE724 has two
different SOP8 package. For the normal SOP8, the heat is conducted out via Pin 4 (GND), so the heat
dissipation route on PCB should be connected to the Pin 4 of the chip. If ESOP8 is selected, the heat
dissipation copper area should be exposed and connected to the exposed pad underneath the chip body.
When output power is larger than 10W, the ESOP8 package is recommended



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com