Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2303B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2303B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2303B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2303B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2303B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2303B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2303B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2303B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE2303B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
2
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Off characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V, VGS=0V
-1
uA
Gate-Body Leakage, Forward
IGSSF
VGS=+20V, VDS=0V
100
nA
Gate-Body Leakage, Reverse
IGSSR
VGS=-20V, VDS=0V
-100
nA
On characteristics
(2)
Static Drain-Source On-Resistance
RDS(ON)
VGS=-4.5V, ID=-3A
69
87
m
Ω
VGS=-10V, ID=-4.1A
48
58
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-1
-1.6
-2.0
V
Forward Transconductance
gFS
VDS=-5V, ID=-2.8A
4
6
S
Switching characteristics
(3)
Turn-On Delay Time
Td(on)
VDD=-6V,RL=6Ω
ID=-1A, VGEN=-4.5V
RG=6Ω
20
ns
Turn-On Rise Time
tf
10
Turn-Off Delay Time
td(off)
65
Turn-Off Fall Time
tf
45
Dynamic characteristics
(3)
Input Capacitance
Ciss
VDS=-6V, VGS=0V
f=1.0MHz
680
pF
Output Capacitance
Coss
72
Feedback Capacitance
Crss
58
Drain-source diode characteristics and maximum ratings
Drain-Source Diode Forward
Current
(4)
IS
-1.35
A
Drain-Source Diode Forward
Voltage
(2)
VSD
IS=-1A,VGS=0V
-0.6
-0.8
-1
V
Note: 1. Pulse width limited by maximum junction temperature
2. Pulse test: PW≦300us, duty cycle≦2%
3. Guaranteed by design, not subject to production testing.
4. Surface Mounted on FR4 Board, t < 5 sec.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com