Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2303B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2303B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2303B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2303B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2303B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2303B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2303B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2303B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE2303B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
This P-Channel enhancement mode power FETs are produced with high cell density, DMOS trench
technology, which is especially used to minimize on-state resistance. This device is particularly suited for
low voltage application such as portable equipment, power management and other battery powered
circuits, and low in-line power loss are needed in a very small outline surface mount package.
Features
V
DS
=-30V
I
D=-3.6A
R
DS(ON)
58m
Ω @ V
GS=-10V
R
DS(ON)
87m
Ω @ V
GS=-4.5V
High density cell design for low R
DS(ON)
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
-3.6
A
Pulsed
(1)
-10
Power Dissipation
25
OC
PD
1.4
W
Operating and Storage Temperature Range TJ,TSTG -55 to 150
OC
Packaging Type
SOT-23-3L
3
1
2
Ordering information
ACE2303B XX + H
SOT-23-3L
Description
1
Gate
2
Source
3
Drain
BM : SOT-23-3L
Pb - free
Halogen - free


Similar Part No. - ACE2303B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2303BM+ ACE-ACE2303BM+ Datasheet
269Kb / 8P
P-Channel Enhancement Mode MOSFET
VER 1.2
ACE2303BM+H ACE-ACE2303BM+H Datasheet
605Kb / 7P
P-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE2303B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com