Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5962 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5962
Description  Multiple linear/switching voltage regulator for car-radio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5962 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5962 Datasheet HTML 7Page - STMicroelectronics L5962 Datasheet HTML 8Page - STMicroelectronics L5962 Datasheet HTML 9Page - STMicroelectronics L5962 Datasheet HTML 10Page - STMicroelectronics L5962 Datasheet HTML 11Page - STMicroelectronics L5962 Datasheet HTML 12Page - STMicroelectronics L5962 Datasheet HTML 13Page - STMicroelectronics L5962 Datasheet HTML 14Page - STMicroelectronics L5962 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
L5962
Electrical specification
Doc ID 16819 Rev 2
11/24
VLR1 (5 V)
VoutVLR1-5
Output voltage
0 < Iload < 350 mA
4.85
5
5.15
V
LnRVLR1-5
Line regulation
6<VBAT<18 V Iload =350 mA
-25
-
+25
mV
LdRVLR1-5
Load regulation
0 < Iload < 350 mA
-90
-
-
mV
VdoVLR1-5
Drop out voltage
Iload = 350 mA
-
-
650
mV
IshortVLR1-5
Short circuit current limit
-
500
650
850
mA
OS/USVLR1-5 Overshoot/Undershoot
Iload 0 ↔ 350 mA, t > 50µs
C = 1 µF ceramic
--
±3
%
PSRRVLR1-5 Power supply rejection ratio
Iload = 170 mA
120 Hz < f < 10 kHz
VBATac=1 Vpp
60
-
-
dB
nVLR1-5
Output noise
A-weighted filter
20 Hz < f < 20 kHz
Iload = 5 mA
--
350
µV
TSVLR1-5
Thermal shut-down
temperature
Temperature rising
150
-
190
°C
HYSTS-VLR1-5
Hysteresis on thermal shut-
down temperature
-5
-
15
°C
ESRVLR1-5
External filtering capacitor ESR C > 0.5 µF
-
-
0.2
Ω
VLR1 (8.5 V)
VoutVLR1-8
Output voltage
0 < Iload < 350 mA
8.3
8.5
8.7
V
LnRVLR1-8
Line regulation
9.6<VBAT<18VIload=350mA
-25
-
+25
mV
LdRVLR1-8
Load regulation
0 < Iload < 350 mA
-90
-
-
mV
VdoVLR1-8
Drop out voltage
Iload = 350 mA
-
-
650
mV
IshortVLR1-8
Short circuit current limit
-
500
650
850
mA
OS/USVLR1-8 Overshoot / undershoot
Iload 0 ↔ 350 mA, t > 50µs
C = 1 µF ceramic
--
±3
%
PSRRVLR1-8 Power supply rejection ratio
Iload = 170 mA
120 Hz < f < 10 kHz
VBATac=1 Vpp
60
-
-
dB
nVLR1-8
Output noise
A-weighted filter
20 Hz < f < 20 kHz
Iload = 5 mA
--
350
µV
TSVLR1-8
Thermal shut-down
temperature
Temperature rising
150
-
190
°C
HYSTS-VLR1-8
Hysteresis on thermal shut-
down temperature
-5
-
15
°C
ESRVLR1-8
External filtering capacitor ESR C > 0.5 µF
-
-
0.2
Ω
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com