Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5962 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L5962
Description  Multiple linear/switching voltage regulator for car-radio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5962 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L5962 Datasheet HTML 16Page - STMicroelectronics L5962 Datasheet HTML 17Page - STMicroelectronics L5962 Datasheet HTML 18Page - STMicroelectronics L5962 Datasheet HTML 19Page - STMicroelectronics L5962 Datasheet HTML 20Page - STMicroelectronics L5962 Datasheet HTML 21Page - STMicroelectronics L5962 Datasheet HTML 22Page - STMicroelectronics L5962 Datasheet HTML 23Page - STMicroelectronics L5962 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
L5962
Software specifications
Doc ID 16819 Rev 2
21/24
7
Software specifications
IC functions can be driven sending one data byte IB1
Bits D6-D4 are used to select VLR2 output voltage according to the following table
Table 6.
Chip address
D7 (MSB)
D0 (LSB)
0001000
R/W
10 Hex
Table 7.
IB1 data byte
Bit position
Bit name
Function description
D7
VLR2EN
VLR2 enable
D6
VLR2SEL2
VLR2 selection
D5
VLR2SEL1
D4
VLR2SEL0
D3
VLR1EN
VLR1 enable
D2
VLR1SEL
VLR1 selection
D1
HSD2EN
HSD2 enable
D0
HSD1EN
HSD1 enable
Table 8.
VLR2 output level selection
VLR2SEL2
VLR2SEL1
VLR2SEL0
VLR2 output voltage
0
0
0
3.3V
0
0
1
5.0V
0
1
0
5.5V
0
1
1
6.0V
1
0
0
7.0V
1
0
1
7.5V
1
1
0
8.0V
1
1
1
10.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com