Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA382BW Datasheet(PDF) 124 Page - STMicroelectronics

Part # STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 120Page - STMicroelectronics STA382BW Datasheet HTML 121Page - STMicroelectronics STA382BW Datasheet HTML 122Page - STMicroelectronics STA382BW Datasheet HTML 123Page - STMicroelectronics STA382BW Datasheet HTML 124Page - STMicroelectronics STA382BW Datasheet HTML 125Page - STMicroelectronics STA382BW Datasheet HTML 126Page - STMicroelectronics STA382BW Datasheet HTML 127Page - STMicroelectronics STA382BW Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 172 page
background image
Register description: Sound Terminal compatibility
STA382BW
124/172
Doc ID 022783 Rev 1
Table 134.
Mute configuration
7.7.2
Master volume register
7.7.3
Channel 1 volume
7.7.4
Channel 2 volume
7.7.5
Channel 3 / line output volume
The volume structure of the STA382BW consists of individual volume registers for each
channel and a master volume register that provides an offset to each channel’s volume
setting. The individual channel volumes are adjustable in 0.5 dB steps from +48 dB to
-80 dB.
Bit
R/W
RST
Name
Description
3R/W
0
C3M
Channel 3 mute
0 - No mute condition. It is possible to set the channel
volume
1 - Channel 3 in hardware mute
2R/W
0
C2M
Channel 2 mute
0 - No mute condition. It is possible to set the channel
volume
1 - Channel 2 in hardware mute
1R/W
0
C1M
Channel 1 mute
0 - No mute condition. It is possible to set the channel
volume
1 - Channel 1 in hardware mute
0
R/W
0
MMUTE
Master mute
0 - Normal operation
1 - All channels are in mute condition
D7
D6
D5
D4
D3
D2
D1
D0
MVOL[7:0]
11
11
11
1
1
D7
D6
D5
D4
D3
D2
D1
D0
CH1VOL[7:0]
01
10
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
CH2VOL[7:0]
01
10
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
CH3VOL[7:0]
01
10
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com