Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA382BW Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 28Page - STMicroelectronics STA382BW Datasheet HTML 29Page - STMicroelectronics STA382BW Datasheet HTML 30Page - STMicroelectronics STA382BW Datasheet HTML 31Page - STMicroelectronics STA382BW Datasheet HTML 32Page - STMicroelectronics STA382BW Datasheet HTML 33Page - STMicroelectronics STA382BW Datasheet HTML 34Page - STMicroelectronics STA382BW Datasheet HTML 35Page - STMicroelectronics STA382BW Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 172 page
background image
Device overview
STA382BW
32/172
Doc ID 022783 Rev 1
The STC reacts differently depending on these three parameters (Figure 10):
level meter output value < compressor threshold < limiter threshold: under these
circumstances the signal level is small enough to not require any type of
limiting/compressing action. The signal remains unchanged.
compressor threshold < level meter output value < limiter threshold: under these
circumstances the signal level is compressed to a ratio determined by the compressor
rate.
compressor threshold < limiter threshold < level meter output value: under these
circumstances the signal level exceeds the limiter threshold which represents the
maximum output power allowed. The signal is limited to avoid unpredictable effects
and damages.
The compressor threshold, the limiter threshold and the compressor rate are all user-
selectable parameters. The compressor threshold range of value is [-48, 0] dB with a
0.25 dB step. The limiter threshold range of values is [-24, +12] dB with a 0.25 dB step. The
compressor ratio range of value is [0, 15], the meaning of these values is specified in
Table 10. For further details please refer to Table 12. Either setting the compressor rate to
1:1 or setting the compressor threshold greater than the limiter threshold makes the STC
behave as a pure limiter (Figure 11).
Figure 10.
STCompressorTM behavior
INPUT
[dB]
C.T.
L.T.
L.T. comp
C.R.
C.T.
L.T.
Compression Zone
Limiting Zone
Linear Zone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com