Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA382BW Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 20Page - STMicroelectronics STA382BW Datasheet HTML 21Page - STMicroelectronics STA382BW Datasheet HTML 22Page - STMicroelectronics STA382BW Datasheet HTML 23Page - STMicroelectronics STA382BW Datasheet HTML 24Page - STMicroelectronics STA382BW Datasheet HTML 25Page - STMicroelectronics STA382BW Datasheet HTML 26Page - STMicroelectronics STA382BW Datasheet HTML 27Page - STMicroelectronics STA382BW Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 172 page
background image
Electrical specifications
STA382BW
24/172
Doc ID 022783 Rev 1
3.5
Electrical specifications for the power section
The specifications given in this section are valid for the operating conditions: VCC =24V,
f= 1 kHz, fsw = 384 kHz, Tamb = 25° C and RL = 8 Ω, unless otherwise specified.
Table 7.
Electrical specifications - power section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
Output power BTL
Digital limited(1)
20
W
Output power SE
Digital limited(1)
5
Output power SE RL = 4 Ω
Digital limited(1)
9
RdsON
Power Pchannel/Nchannel MOSFET
ld = 1.5 A
120
m
Ω
gP
Power Pchannel RdsON matching
ld = 1.5 A
95
%
gN
Power Nchannel RdsON matching
ld = 1.5 A
95
%
Idss
Power Pchannel/Nchannel leakage
VCC = 20 V
10
µA
ILDT
Low current dead time (static)
Resistive load(2)
815
ns
tr
Rise time
Resistive load(2)
10
18
ns
tf
Fall time
Resistive load(2)
10
18
ns
Ivcc
Supply current from Vcc in power-down PWRDN = 0
0.1
1
µA
Supply current from Vcc in operation
PCM Input signal = -60 dBfs,
Switching frequency = 384 kHz,
No LC filters
52
60
mA
Ilim
Overcurrent limit
4
5
6.5
A
UVL
Undervoltage protection
3.5
4.3
V
tmin
Output minimum pulse width
No load
20
30
60
ns
DR
Dynamic range
100
dB
SNR
Signal-to-noise ratio, ternary mode
A-weighted
100
dB
Signal-to-noise ratio binary mode
A-weighted
90
dB
THD+N
Total harmonic distortion + noise
FFX stereo mode, Po = 1 W,
f=1kHz,
0.2
%
XTALK
Crosstalk
FFX stereo mode,
<5 kHz, one channel driven at
1 W and other channel
measured
80
dB
η
Peak efficiency, FFX mode
Po = 2 x 20 W
into 8
Ω
90
%
1.
The related THD can be defined through appropriate DRC settings (see section: 4.3: STCompressorTM)
2.
Refer to Figure 3: Test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com