Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA382BW Datasheet(PDF) 138 Page - STMicroelectronics

Part # STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 134Page - STMicroelectronics STA382BW Datasheet HTML 135Page - STMicroelectronics STA382BW Datasheet HTML 136Page - STMicroelectronics STA382BW Datasheet HTML 137Page - STMicroelectronics STA382BW Datasheet HTML 138Page - STMicroelectronics STA382BW Datasheet HTML 139Page - STMicroelectronics STA382BW Datasheet HTML 140Page - STMicroelectronics STA382BW Datasheet HTML 141Page - STMicroelectronics STA382BW Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 172 page
background image
Register description: Sound Terminal compatibility
STA382BW
138/172
Doc ID 022783 Rev 1
Reading a coefficient from RAM
1.
Write 6 bits of the address to I2C register 0x16.
2.
Write 1 to the R1 bit in I2C address 0x26.
3.
Read the top 8 bits of the coefficient in I2C address 0x17.
4.
Read the middle 8 bits of the coefficient in I2C address 0x18.
5.
Read the bottom 8 bits of the coefficient in I2C address 0x19.
Reading a set of coefficients from RAM
1.
Write 6 bits of the address to I2C register 0x16.
2.
Write 1 to the RA bit in I2C address 0x26.
3.
Read the top 8 bits of the coefficient in I2C address 0x17.
4.
Read the middle 8 bits of the coefficient in I2C address 0x18.
5.
Read the bottom 8 bits of the coefficient in I2C address 0x19.
6.
Read the top 8 bits of coefficient b2 in I2C address 0x1A.
7.
Read the middle 8 bits of coefficient b2 in I2C address 0x1B.
8.
Read the bottom 8 bits of coefficient b2 in I2C address 0x1C.
9.
Read the top 8 bits of coefficient a1 in I2C address 0x1D.
10. Read the middle 8 bits of coefficient a1 in I2C address 0x1E.
11. Read the bottom 8 bits of coefficient a1 in I2C address 0x1F.
12. Read the top 8 bits of coefficient a2 in I2C address 0x20.
13. Read the middle 8 bits of coefficient a2 in I2C address 0x21.
14. Read the bottom 8 bits of coefficient a2 in I2C address 0x22.
15. Read the top 8 bits of coefficient b0 in I2C address 0x23.
16. Read the middle 8 bits of coefficient b0 in I2C address 0x24.
17. Read the bottom 8 bits of coefficient b0 in I2C address 0x25.
Writing a single coefficient to RAM
1.
Write 6 bits of the address to I2C register 0x16.
2.
Write the top 8 bits of the coefficient in I2C address 0x17.
3.
Write the middle 8 bits of the coefficient in I2C address 0x18.
4.
Write the bottom 8 bits of the coefficient in I2C address 0x19.
5.
Write 1 to the W1 bit in I2C address 0x26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com