Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA382BW Datasheet(PDF) 143 Page - STMicroelectronics

Part # STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 139Page - STMicroelectronics STA382BW Datasheet HTML 140Page - STMicroelectronics STA382BW Datasheet HTML 141Page - STMicroelectronics STA382BW Datasheet HTML 142Page - STMicroelectronics STA382BW Datasheet HTML 143Page - STMicroelectronics STA382BW Datasheet HTML 144Page - STMicroelectronics STA382BW Datasheet HTML 145Page - STMicroelectronics STA382BW Datasheet HTML 146Page - STMicroelectronics STA382BW Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 172 page
background image
STA382BW
Register description: Sound Terminal compatibility
Doc ID 022783 Rev 1
143/172
7.16
Extended configuration register (addr 0x36)
The extended configuration register provides access to B2DRC and biquad 5, 6 and 7.
7.16.1
Dual-band DRC
The STA382BW device provides a dual-band DRC (B2DRC) on the left and right channel
data path, as depicted in Figure 40. The dual-band DRC is activated by setting MDRCE = 1.
Figure 40.
B2DRC scheme
The low-frequency information (LFE) is extracted from the left and right channels, removing
the high frequencies using a programmable biquad filter, and then computing the difference
with the original signal. Limiter 1 (DRC1) is then used to control the amplitude of the left/right
high-frequency components, while limiter 2 (DRC2) is used to control the low-frequency
components (see Chapter 7.11).
The cutoff frequency of the high-pass filters can be user-defined, XO[3:0] = 0, or selected
from the pre-defined values.
DRC1 and DRC2 are then used to independently limit L/R high frequencies and LFE
channel amplitude (see Chapter 7.11) as well as their volume control. To be noted that, in
this configuration, the dedicated channel 3 volume control can actually act as a bass-boost
enhancer as well (0.5 dB/step resolution).
The processed LFE channel is then recombined with the L and R channels in order to
reconstruct the 2.0 output signal.
D7
D6
D5
D4
D3
D2
D1
D0
MDRCE
Reserved
PS48DB
XAR1
XAR2
BQ5
BQ6
BQ7
00
00
00
0
0
B2DRC
Hi-pass XO
filter
L
R
B2DRC
Hi-pass XO
filter
-
Channel 1
Volume
DRC 1
Channel 3
Volume
DRC 2
++
- +
Channel 3
Volume
DRC 2
Channel 2
Volume
DRC 1
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com