Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA382BW Datasheet(PDF) 160 Page - STMicroelectronics

Part # STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Datasheet(HTML) 160 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 156Page - STMicroelectronics STA382BW Datasheet HTML 157Page - STMicroelectronics STA382BW Datasheet HTML 158Page - STMicroelectronics STA382BW Datasheet HTML 159Page - STMicroelectronics STA382BW Datasheet HTML 160Page - STMicroelectronics STA382BW Datasheet HTML 161Page - STMicroelectronics STA382BW Datasheet HTML 162Page - STMicroelectronics STA382BW Datasheet HTML 163Page - STMicroelectronics STA382BW Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 172 page
background image
Register description: Sound Terminal compatibility
STA382BW
160/172
Doc ID 022783 Rev 1
7.27
STCompressorTM configuration register (address
0x5A; 0x5B)
D7
D6
D5
D4
D3
D2
D1
D0
reserved
LIM_BYP
STC_BYP
STC_ENA
reserved
NP_CRES
reserved
NP_CRC-GO
00
11
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
reserved
reserved
reserved
reserved
reserved
reserved
STC_LNK
BRC_EN
00
00
00
0
0
Table 180.
STCompressorTM configuration bits1
Bit
R/W
RST
Name
Description
6
R/W
0
LIM_BYP
‘0’: STCompressorTM DRC active
‘1’: STCompressorTM DRC is bypassed
5
R/W
1
STC_BYP
‘0’: STCompressorTM processing activated
‘1’: STCompressorTM is in pass-through
4R/W
1
STC_EN
‘0’: STCompressorTM is switched off (no
configuration is possible in this state)
‘1’: STCompressorTM is enabled
2
R
0
NP_CRCRES
‘1’: CRC STCompressor ok
‘0’: CRC STCompressor error
0
R/W
0
NP_CRC_GO
‘1’: Start CRC STCompressor compute ON
‘0’: Idle
Table 181.
STCompressorTM configuration bits 2
Bit
R/W
RST
Name
Description
1
R/W
0
STC_LNK
‘0’: Channel 0 and channel 1 attenuation are
applied indepenently
‘1’: Channel 0 and channel 1 attenuation are
linked so that the higher one is applied to both
channel 0 and channel 1
0
R/W
0
BRC_EN
‘1’: STCompressor band recombination enabled
‘0’: Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com