Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA382BW Datasheet(PDF) 165 Page - STMicroelectronics

Part # STA382BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 161Page - STMicroelectronics STA382BW Datasheet HTML 162Page - STMicroelectronics STA382BW Datasheet HTML 163Page - STMicroelectronics STA382BW Datasheet HTML 164Page - STMicroelectronics STA382BW Datasheet HTML 165Page - STMicroelectronics STA382BW Datasheet HTML 166Page - STMicroelectronics STA382BW Datasheet HTML 167Page - STMicroelectronics STA382BW Datasheet HTML 168Page - STMicroelectronics STA382BW Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 172 page
background image
STA382BW
Applications
Doc ID 022783 Rev 1
165/172
8
Applications
8.1
Application schemes
The following figures illustrate typical application schemes for the STA382BW. The
line/headphone out can be fed either with an external analog source (Figure 44), or with the
F3X output, allowing to have the audio content coming from the digital interface on both the
power output and on the line/headphone out (Figure 45). Regardless of the LINEINx pins
input, the F3Xx outputs can be connected to an external amplifier as an auxiliary analog
output (Figure 46). The F3X audio content is provided by the device digital audio interface.
Figure 44.
External audio source to line/headphone out application scheme
Note:
For further information, please refer to application note AN3959, 2.0-channel demonstration
board based on the STA382BW and STA381BW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com