Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA529
Description  FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA529_12 Datasheet HTML 26Page - STMicroelectronics STA529_12 Datasheet HTML 27Page - STMicroelectronics STA529_12 Datasheet HTML 28Page - STMicroelectronics STA529_12 Datasheet HTML 29Page - STMicroelectronics STA529_12 Datasheet HTML 30Page - STMicroelectronics STA529_12 Datasheet HTML 31Page - STMicroelectronics STA529_12 Datasheet HTML 32Page - STMicroelectronics STA529_12 Datasheet HTML 33Page - STMicroelectronics STA529_12 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Serial audio interface
STA529
30/57
Doc ID 13095 Rev 3
9.2
Slave mode
In this mode, pins BICLKI/O and pins LRCLKI/O are configured as inputs.
Figure 9.
Slave mode
Table 21.
Slave mode
Symbol
Parameter
Min
Typ
Max
Unit
tBCY
BICLK cycle time
50
ns
tBCH
BICLK pulse width high
20
ns
tBCL
BICLK pulse width low
20
ns
tLRSU
LRCLKI/LRCLKO setup time to BICLK strobing edge
10
ns
tLRH
LRCLKI/LRCLKO hold time to BICLK strobing edge
10
ns
tDS
SDATAO setup time to BICLK strobing edge
25
ns
tDH
SDATAO hold time to BICLK strobing edge
25
ns
tDD
SDATAI propagation delay from BICLK active edge
0
10
ns
BICLKI/
BICLKO
LRCLKI/
LRCLKO
SDATAI
SDATAO
tBCH
tBCL
tBCY
tDS
tLRH
tLRSU
tDH
tDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com