Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STA529
Description  FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STA529_12 Datasheet HTML 42Page - STMicroelectronics STA529_12 Datasheet HTML 43Page - STMicroelectronics STA529_12 Datasheet HTML 44Page - STMicroelectronics STA529_12 Datasheet HTML 45Page - STMicroelectronics STA529_12 Datasheet HTML 46Page - STMicroelectronics STA529_12 Datasheet HTML 47Page - STMicroelectronics STA529_12 Datasheet HTML 48Page - STMicroelectronics STA529_12 Datasheet HTML 49Page - STMicroelectronics STA529_12 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Registers
STA529
46/57
Doc ID 13095 Rev 3
PLLCFG1
PLL configuration (MSBs)
Address:
0x15
Type:
R/W
Buffer:
No
Reset:
0x00
Description:
PLLCFG2
PLL configuration (LSBs)
Address:
0x16
Type:
R/W
Buffer:
No
Reset:
0x00
Description:
6 FRAC_CTRL:
0: default
1: PLL fractional-frequency synthesis is enabled
5:4 DITHER_DISABLE[1:0]:
00: default
1x: disables rectangular phase frequency divider dither input to fractional control
x1: disables triangular Phase Frequency Divider dither input to Fractional Control
The mentioned blocks are shown in Figure 5.
3:0 IDF[3:0]: PLL input division factor:
0000: IDF = 1 (default)
0001: IDF = 1
0010: IDF = 2
…
1111: IDF = 15
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FRAC_INPUT[15:8]
7:0 FRAC_INPUT[15:8]: MSBs of FRAC_INPUT[15:0] used to set the fractional part of PLL
multiplication factor
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FRAC_INPUT[7:0]
7:0 FRAC_INPUT[7:0]: LSBs of FRAC_INPUT[15:0] used to set the fractional part of PLL
multiplication factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com