Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7416 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7416
Description  Car radio signal processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7416_11 Datasheet HTML 9Page - STMicroelectronics TDA7416_11 Datasheet HTML 10Page - STMicroelectronics TDA7416_11 Datasheet HTML 11Page - STMicroelectronics TDA7416_11 Datasheet HTML 12Page - STMicroelectronics TDA7416_11 Datasheet HTML 13Page - STMicroelectronics TDA7416_11 Datasheet HTML 14Page - STMicroelectronics TDA7416_11 Datasheet HTML 15Page - STMicroelectronics TDA7416_11 Datasheet HTML 16Page - STMicroelectronics TDA7416_11 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
TDA7416
Description of the audio processor part
Doc ID 9837 Rev 2
13/37
4
Description of the audio processor part
4.1
Audio processor features
●
Input multiplexer
–
1 pseudo differential CDC stereo input, programmable as single-ended input
–
3 single-ended stereo inputs
–
Input gain adjust 0 to 15 dB with 1 dB steps
–direct mute
–
internal offset-cancellation (AutoZero)
●
Mixing stage
–
mixable mix input to Front speaker outputs
–
Input controls +15 to -79 dB with 1 dB steps
–direct mute
–
Loudness
–
programmable center frequency and filter slope
–
19 dB with 1dB steps
–
selectable flat-mode (constant attenuation)
●
Volume
–
+32 to -79.5 dB with 0.5 dB step resolution
–
soft-step control with programmable blend times
–
100 dB range
●
Equalizer
–
seven bands
–2nd order frequency response
–
center frequency programmable for lowest and highest filter
–
programmable quality factor in four steps for each filter
–
-15 to 15 dB range with 1dB resolution
●
Spectrum analyzer
–
seven bandpass filters
–2nd order frequency response
–
programmable quality factor for different visual appearance
–
analog output
–
controlled by external serial clock
●
High-pass
–2nd order butterworth high-pass with programmable cut-off frequency
–
selectable flat-mode
●
Speaker
–
4 independent soft-step speaker controls, +15 to -79 dB with 1 dB steps
–mute
–
4 independent programmable mix inputs with 50% mixing ratio
●
Subwoofer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com