Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7416 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7416
Description  Car radio signal processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7416_11 Datasheet HTML 17Page - STMicroelectronics TDA7416_11 Datasheet HTML 18Page - STMicroelectronics TDA7416_11 Datasheet HTML 19Page - STMicroelectronics TDA7416_11 Datasheet HTML 20Page - STMicroelectronics TDA7416_11 Datasheet HTML 21Page - STMicroelectronics TDA7416_11 Datasheet HTML 22Page - STMicroelectronics TDA7416_11 Datasheet HTML 23Page - STMicroelectronics TDA7416_11 Datasheet HTML 24Page - STMicroelectronics TDA7416_11 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
TDA7416
Description of the audio processor part
Doc ID 9837 Rev 2
21/37
4.9
Spectrum analyzer
A fully integrated seven band spectrum analyzer with programmable quality factor is
present in the TDA7416 (Figure 15).
The spectrum analyzer consists of seven band pass filters with rectifier and sample
capacitor which stores the maximum peak signal level since the last read cycle. This
peak signal level can be read by a microprocessor at the SAout-pin. To allow easy
interfacing to an analog port of the microprocessor, the output voltage at this pin is
referred to device ground.
The microprocessor starts a read cycle with the negative going clock edge at the SAclk
input. On the following positive clock edges, the peak signal level for the band pass
filters is subsequently switched to SAout. Each analog output data is valid after the time
tSAdel. A reset of the sample capacitors is induced whenever SAclk remains high for the
time tintres. Note that a proper reset requires the clock signal SAclk to be held at high
potential. Figure 15 shows the block diagram and Figure 16 illustrates the read cycle
timing of the spectrum analyzer.
Figure 15.
Spectrum analyzer block diagram
Figure 16.
Timing spectrum analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com