Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491MV Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7491MV
Description  25 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491MV Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7491MV Datasheet HTML 15Page - STMicroelectronics TDA7491MV Datasheet HTML 16Page - STMicroelectronics TDA7491MV Datasheet HTML 17Page - STMicroelectronics TDA7491MV Datasheet HTML 18Page - STMicroelectronics TDA7491MV Datasheet HTML 19Page - STMicroelectronics TDA7491MV Datasheet HTML 20Page - STMicroelectronics TDA7491MV Datasheet HTML 21Page - STMicroelectronics TDA7491MV Datasheet HTML 22Page - STMicroelectronics TDA7491MV Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
TDA7491MV
Applications circuit
Doc ID 14576 Rev 2
19/28
6
Applications circuit
Figure 18.
Applications circuit for class-D amplifier
6.1
Compatibility with TDA7491 stereo BTL family
TDA7491MV mono BTL analog class-D amplifier is derived from the TDA7491 stereo
analog class-D BTL family. TDA7491MV has only the left channel of the stereo BTL family.
In order to guarantee the pin to pin compatibility when moving the application from stereo to
mono, it is necessary to connect the right channel inputs (pins 32 and 33 of TDA7491 BTL
family) to VCC and GND, that is, pin 32 to VDDS and pin 33 to SGND.
TDA7491MV
Input settings for standby, mute and play:
STBY : MUTE
Mode
0 V : 0 V
Standby
0 V : 3.3 V
Standby
3.3 V : 0 V
Mute
3.3 V : 3.3 V
Play
Input settings for gain:
GAIN0 : GAIN1
Nominal gain
0 V : 0 V
20 dB
0 V : 3.3 V
26 dB
3.3 V : 0 V
30 dB
3.3 V : 3.3 V
32 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com