Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGF4921AM Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGF4921AM
Description  4pin flat lead package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF4921AM Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGF4921AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
< Low Noise GaAs HEMT >
MGF4921AM
4pin flat lead package
Publication Date : Oct., 2011
2
0.30
0.11
2.10
+0.1
-0.05
±0.1
0.30 -0.05
+0.1
-0.05
+0.1
+0.1
-0.05
-0
+0.05
(0.65)
(0.65)
±0.05
±0.05
0.30
0.40
(0.65)
(0.60)
1.30
1.25
(0.65)
(0.60)
1.30
1.25
Fig.1
Top
Side
Bottom
Unit: mm
Gate
Source
Drain
(GD-30)
C □



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com