Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGF4921AM Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # MGF4921AM
Description  4pin flat lead package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF4921AM Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button MGF4921AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MGF4921AM Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
< Low Noise GaAs HEMT >
MGF4921AM
4pin flat lead package
Publication Date : Oct., 2011
6
S PARAMETERS
(VDS=2V,ID=15mA,Ta=room temperature)
Note:
We are ready to provide nonlinear model for ADS and MWO users. If you are interested, please contact our sales
offices.
Recommended foot pattern; FR4 (
r=4.8@1MHz, t=0.8mm)
Measurement plane (2.5mm)
Freq.
(GHz)
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
1
0.937
-33.4
7.730
148.3
0.037
74.5
0.332
-23.6
2
0.787
-64.5
6.735
120.1
0.069
61.4
0.269
-45.5
3
0.636
-93.8
5.682
96.1
0.095
50.7
0.200
-67.0
4
0.512
-125.1
4.757
75.1
0.117
41.4
0.139
-98.3
5
0.444
-154.1
4.019
57.2
0.137
33.5
0.102
-137.5
6
0.429
178.5
3.457
41.1
0.156
25.8
0.109
179.6
7
0.440
153.6
2.998
26.1
0.173
18.1
0.146
148.1
8
0.468
133.6
2.635
12.3
0.190
10.1
0.197
126.3
9
0.517
117.7
2.355
-0.4
0.205
2.3
0.241
110.9
10
0.563
102.2
2.141
-13.0
0.219
-5.9
0.287
99.5
11
0.603
88.7
1.954
-25.9
0.233
-14.1
0.345
90.6
12
0.640
77.7
1.798
-37.8
0.243
-22.3
0.405
79.8
13
0.697
66.3
1.662
-50.7
0.255
-30.9
0.459
70.3
14
0.744
55.0
1.506
-64.8
0.260
-39.9
0.515
61.1
15
0.757
44.6
1.343
-77.4
0.261
-47.9
0.587
52.3
16
0.786
37.2
1.200
-89.0
0.267
-54.9
0.647
41.5
S22
S11
S21
S12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com