Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGD841 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # IGD841
Description  Hybrid Integrated Isolated N-Channel IGBT Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

IGD841 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  IGD841 Datasheet HTML 1Page - MicroPower Direct, LLC IGD841 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
Pin
Function
Pin
Function
Pin
Function
1
Smoothing Capacitor
5
Fault Signal Output
14
Drive Signal Input (-)
2
Power Supply (+)
6
Fault Detect
15
Drive Signal Input (+)
3
Drive Output
9
Gnd
4,7,8,10,11
No Connection
Typical Connection
Connection Notes:
To minimize the potential for problems (and/or
failures) caused by induced noise, EMI interfer-
ence and/or oscillation, the connection of the
gate driver must be done with great care. Some
recommendations would include:
1.
The input signal voltage (pin 14) cannot ex-
ceed 5.25V. The internal dissipation caused
by the resultant increase in input current could
damage the input optocoupler. A current limit-
ing resistor (R1) is used to help prevent this.
The resistor value is calculated by the formula:
6
.
150
R
mA
VV
1
17
1
IN
X
=
-
-
2.
The gate wiring of the IGBT gate-emitter drive
loop must be shorter than 1 meter.
3.
Twisted pair wiring is recommended for the
gate-emitter drive loop to minimize mutual
induction.
4.
Pins 4, 7, 8, 10 and 11 (not shown in the
connection diagram) of the IGD841 are only
used for testing. They should not be used as
a connection in any application circuit.
5.
If a large voltage spike is generated at the
IGBT collector, the value of the gate resistor
(RG) should be increased.
6.
Smoothing capacitors C2 and C3 should be
mounted as close to the driver as possible.
7.
An internal circuit sets up a -5V off-gate voltage
at pin 9 to protect against faults in the off state.
Do not apply an external voltage to pin 1.
8.
The peak reverse voltage rating of D1 must
be higher than the peak value of the IGBT
collector voltage.
9.
The traces (or wires) between the power
source (VCC) and the driver circuit should be
as short as possible.
Mechanical Dimensions
Pin Connections
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com