Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGD841 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # IGD841
Description  Hybrid Integrated Isolated N-Channel IGBT Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

IGD841 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  IGD841 Datasheet HTML 1Page - MicroPower Direct, LLC IGD841 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• Internal OptoCoupler
• 30 kV/µS CMR
• VISO = 3,750V
• One Supply Drive Topology
• Compact SIP Package
• Short Circuit Protected
• Fault Signal Output
• Switching Freq. to 20 kHz
• Compatible With EXB841
IGD841
Hybrid Integrated
Isolated N-Channel
IGBT Driver
Absolute Maximum Ratings, TA = 25 ºC unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
DC
25
VDC
Input Voltage
VIN
See Note 3
50
VDC
Input Current
IIN
See Note 4
25
mA
Output Current
IGON
Pulse Width 2µS, Frequency
20 kHz
+5.0
A
IGOFF
-5.0
Isolation Voltage
VISO
Sine Wave Voltage 50 Hz/ 60 Hz , 1 Min
3,750
VAC
Junction Temperature
TJ
150
ºC
Operating Temperature
TOP
-20
+70
ºC
Storage Temperature
TST
-40
+125
ºC
Fault Output Current
IFO
See Note 5
20
mA
Electrical Characteristics, TA = 25 ºC, VCC = 15 VDC unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Recommended Range
14
15
VDC
Reverse Bias Supply Voltage
VRB
Recommended Range
-5
VDC
Switching Frequency
f
Recommended Range
0
20
kHz
Gate Resistor
RG
2
Input CMR
15
30
kV/µS
“H” Input Current
IIH
Recommended Range
10
16
20
mA
“H” Output Voltage
VOH
VCC = 20V
14
VDC
“L” Output Voltage
VOL
VCC = 20V
-5
VDC
“L-H” Propagation
TPLH
IIH = 16 mA
0.5
1.0
µS
“L-H” Rise Time
TR
IIH = 16 mA
0.6
1.0
µS
“H-L” Propagation
TPHL
IIH = 16 mA
1.0
1.3
µS
“H-L” Fall Time
TF
IIH = 16 mA
0.4
1.0
µS
Protection Threshold Voltage
VOCP
VCC = 20V
8.5
VDC
Protection Reset Time
TTIMER
1.0
1.4
2.0
mS
Fault Output Current
IFO
See Note 6
5.0
mA
Controlled Time Detect
TTRIP1
Short Circuit 1, See Note 7
2.6
µS
Soft Turn-Off Time
TOFF2
See Note 8
5.0
µS
SC Detect Voltage
VSC
Collector Voltage of Module
15
VDC
Notes:
1. Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
2. ”H” = high level signal. “L” = low level signal.
3. The voltage applied to pin 15.
4. The current measured between pins 15 and 14.
5. The current at pin 5.
6. The current at pin 5. R2 = 4.7 k .
7. Pin 6
15 VDC.
8. Pin 6
15 VDC.
Recommended For:
• 600V Series IGBT (up to 600A)
• 1200V Series IGBT (up to 400A)
• 1700V Series IGBT (up to 200A)
Electrical Specifications
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - IGD841

ManufacturerPart #DatasheetDescription
logo
Semikron International
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
3-phase inverter
IGD-4-424-P1F7-BL-FA SEMIKRON-IGD-4-424-P1F7-BL-FA Datasheet
495Kb / 5P
Three phase inverter
IGD-8-326-E1F12-BH-FA SEMIKRON-IGD-8-326-E1F12-BH-FA Datasheet
2Mb / 5P
Three-phase inverter
IGD-8-424-P1F9-BH-FA SEMIKRON-IGD-8-424-P1F9-BH-FA Datasheet
531Kb / 5P
Three phase inverter
IGD-8-426-E1F12-BH-FA SEMIKRON-IGD-8-426-E1F12-BH-FA Datasheet
2Mb / 5P
Three-phase inverter
More results

Similar Description - IGD841

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
QC841 MORNSUN-QC841 Datasheet
108Kb / 2P
Hybrid Integrated IGBT Driver
QC962 MORNSUN-QC962 Datasheet
100Kb / 2P
Hybrid Integrated IGBT Driver
logo
MicroPower Direct, LLC
IGD962 MPD-IGD962 Datasheet
320Kb / 2P
Hybrid Integrated Isolated N-Channel IGBT Driver
IGD1205W MPD-IGD1205W Datasheet
359Kb / 2P
Hybrid Integrated Isolated N-Channel IGBT Driver
logo
MORNSUN Science& Techno...
QP12W05S-37A MORNSUN-QP12W05S-37A Datasheet
307Kb / 3P
Hybrid Integrated IGBT Driver
logo
MicroPower Direct, LLC
IGD962-5A MPD-IGD962-5A Datasheet
505Kb / 4P
Hybrid Integrated Isolated N-Channel IGBT Driver
IGD962-8A MPD-IGD962-8A Datasheet
495Kb / 4P
Hybrid Integrated Isolated N-Channel IGBT Driver
IGD1205W-12 MPD-IGD1205W-12 Datasheet
1Mb / 4P
Hybrid Integrated Isolated N-Channel IGBT Driver
IGD1205W-15 MPD-IGD1205W-15 Datasheet
1Mb / 4P
Hybrid Integrated Isolated N-Channel IGBT Driver
IGD1208W-15 MPD-IGD1208W-15 Datasheet
1Mb / 4P
Hybrid Integrated Isolated N-Channel IGBT Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com