Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR7805 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LSR7805
Description  Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LSR7805 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LSR7805 Datasheet HTML 1Page - MicroPower Direct, LLC LSR7805 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Load regulation is specified for an output load change of 10% to 100%.
2. Measured at an internal IC junction.
3. Quiescent current is specified at 0% load for Vin = min to max.
4. This regulator is not designed to be used in parallel with another unit to increase output power.
5. The remote on/off control current is typically 2 µA. Shutdown
input current is 30 µA max. The On/Off shutdown threshold
voltage is 1.1V to 1.4V.
6. The input should not exceed the range given in the model
selection chart. Exceeding this limit could damage the unit.
Min
Max
On
Open or 1.5V<Vc<6.0 VDC
Off
Ground or 0.0V<Vc<1.0 VDC
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the side of the unit
Model
Number
Input Voltage (VDC)
Output
Efficiency (%, Typ)
Voltage
(VDC)
Adj Range
(VDC)
Current
(mA, Max)
Nom.
Range
Min Vin
Max Vin
LSR7805-03W
12
4.5 - 28.0
3.3
1.8 - 5.5
500.0
90
75
LSR7805-05W
12
6.0 - 28.0
5.0
2.5 - 8.0
500.0
94
81
LSR7805-09W
24
11.0 - 28.0
9.0
3.0 - 11.5
500.0
95
87
LSR7805-12W
24
14.0 - 28.0
12.0
4.5 - 13.5
500.0
95
90
LSR7805-15W
24
17.0 - 28.0
15.0
4.5 - 15.5
500.0
96
92
Mechanical Dimensions
Pin
Function
1
+Vin
5
+Vout
6
Vadj
7
Gnd
9
Gnd
10
Control
Pin
Connection
Characteristic Curves (Efficiency & Ripple)
Efficiency vs Input Voltage (Full Load)
Ripple vs Input Voltage (Full Load)
Efficiency vs Load (Vin = Nom)
Ripple vs Load (Vin = Nom)
Solder Layout
So
Derating Curve
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com