Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR7805 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LSR7805
Description  Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LSR7805 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LSR7805 Datasheet HTML 1Page - MicroPower Direct, LLC LSR7805 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• Efficiency to 96%
• 0.5A Output Current
• Compact SMT Case
• LM78xx Replacement
• Wide Input Range
• Adjustable Output Voltage
• Short Circuit Protected
• Thermal Shutdown
• Low Noise
• Low Low Cost
LSR7805
Low Cost, Miniature
500 mA Surface Mount
POL Switching Regulators
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
±3.0
%
Output Voltage Adjustment Range
Contact Factory For Information
Line Regulation
Vin = Min to Max
±0.2
±0.5
%
Load Regulation
Iout = 10% to 100%
±0.3
±0.75
%
Ripple & Noise (20 MHz)
10
25
mV P - P
Thermal Shutdown
See Note 2
160
°C
Quiescent Current, Note 3
15
mA
Temperature Coefficient
0.02
%/°C
Maximum Capacitive Load
1,000
µF
Output Current Limit
1.8
A
Short Circuit Input Power
0.5
1.8
W
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Not Isolated
Switching Frequency
410
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+100
°C
Storage Temperature Range
-55
+125
°C
Lead Temperature
1.5 mm From Case For 10 Sec
300
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.60 x 0.476 x 0.285 Inches (15.24 x 12.10 x 7.25 mm)
Case Material
Non-Conductive Black Plastic (UL-94V0)
Weight
0.08 Oz (2.3g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
2.0
MHours
Series
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Notes:
1. C1 & C2 are low ESR ceramic capacitors used to minimize
noise at the regulator. A tantalum or low ESR electrolytic
capacitor may also be used.
2. C1 & C2 are required and should be mounted as close to
the regulator pins as possible. C3 is required for optimum
performance, use 100 µF OR more.
3. R1 & R2 are used to adjust the regulator output. For sug-
gested values, please contact the factory.
Model
Number
Ceramic Capacitors
C1
C2
LSR7805-03W
10 µF/50V
22 µF/ 16V
LSR7805-05W
10 µF/50V
22 µF/ 16V
LSR7805-09W
10 µF/50V
22 µF/ 16V
LSR7805-12W
10 µF/50V
10 µF/ 25V
LSR7805-15W
10 µF/50V
10 µF/ 25V
Component Values
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
Typical Application Circuits


Similar Part No. - LSR7805

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
LSR7810-015W MPD-LSR7810-015W Datasheet
529Kb / 2P
Effi ciency to 93%
LSR7810-018W MPD-LSR7810-018W Datasheet
529Kb / 2P
Effi ciency to 93%
LSR7810-02W MPD-LSR7810-02W Datasheet
529Kb / 2P
Effi ciency to 93%
LSR7810-03W MPD-LSR7810-03W Datasheet
529Kb / 2P
Effi ciency to 93%
More results

Similar Description - LSR7805

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SR7805 MPD-SR7805 Datasheet
234Kb / 2P
Low Cost, Non-isolated Ultra-Miniature SIP POL Switching Regulators
SR7810 MPD-SR7810 Datasheet
285Kb / 2P
Low Cost, 1A Output Non-isolated POL Switching Regulators
SR7815 MPD-SR7815 Datasheet
357Kb / 2P
Low Cost, 1.5A Output Non-isolated POL Switching Regulators
SRL05A MPD-SRL05A Datasheet
564Kb / 4P
Miniature Surface Mount 5A Output, Switching POL Regulators
SRL10A-12 MPD-SRL10A-12 Datasheet
634Kb / 4P
Miniature Surface Mount 10A Output, Switching POL Regulators
SRL16A-12W MPD-SRL16A-12W Datasheet
786Kb / 4P
Miniature Surface Mount 16A Output, Switching POL Regulators
SRM7810 MPD-SRM7810 Datasheet
295Kb / 2P
Miniature, 1A Output Non-isolated POL Switching Regulators
SRS05A MPD-SRS05A Datasheet
589Kb / 4P
Miniature, Non-isolated 5A Output, Switching POL Regulators
MSR7805W MPD-MSR7805W Datasheet
1Mb / 4P
Low Cost, Non-isolated Wide Input, Single Output POL Switching Regulators
MSR7810W MPD-MSR7810W Datasheet
1Mb / 4P
Low Cost, Non-isolated Wide Input, Single Output POL Switching Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com