Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 3 Page - STMicroelectronics

  M41TC8025 Datasheet HTML 1Page - STMicroelectronics M41TC8025 Datasheet HTML 2Page - STMicroelectronics M41TC8025 Datasheet HTML 3Page - STMicroelectronics M41TC8025 Datasheet HTML 4Page - STMicroelectronics M41TC8025 Datasheet HTML 5Page - STMicroelectronics M41TC8025 Datasheet HTML 6Page - STMicroelectronics M41TC8025 Datasheet HTML 7Page - STMicroelectronics M41TC8025 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M41TC8025
Device overview
Doc ID 023561 Rev 2
3/8
Figure 3.
Block diagram
Figure 4.
Hardware hookup
DIVIDE BY
32768
1 Hz
I2C
SDA
INTERFACE
YEAR
MONTH
DATE
DAY-OF-WEEK
HOURS
MINUTES
SECONDS
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
NON-CLOCK
REGISTERS
TEMP
SENSOR
32KHz TEMP-COMPENSATED
OSC & CAPACITOR ARRAY
COMPENSATION
CONTROL
ALARM
TIMER COUNTER 0
EXTENSION REG
FLAG REGISTER
CONTROL REG
FOUT
(SQW)
32KHz
AIE
IRQ
VCC
VSS
TIE
UIE
SCL
32KHz
1KHz
1Hz
CLOCK
REGISTERS
DAY/WEEK Alarm
HOUR Alarm
MIN Alarm
DATE Alarm
ALARM
REGISTERS
TIMER COUNTER 1
COMPARE
0 - 59
0 - 59
0 - 23
1 - 7
1 - 31
1 - 12
0 - 99
FIXED-CYCLE
TIMER
TIME
UPDATE
FOE
INTERRUPT
CONTROL
AM045299v2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com