Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 1 Page - STMicroelectronics

  M41TC8025 Datasheet HTML 1Page - STMicroelectronics M41TC8025 Datasheet HTML 2Page - STMicroelectronics M41TC8025 Datasheet HTML 3Page - STMicroelectronics M41TC8025 Datasheet HTML 4Page - STMicroelectronics M41TC8025 Datasheet HTML 5Page - STMicroelectronics M41TC8025 Datasheet HTML 6Page - STMicroelectronics M41TC8025 Datasheet HTML 7Page - STMicroelectronics M41TC8025 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For further information contact your local STMicroelectronics sales office.
September 2012
Doc ID 023561 Rev 2
1/8
8
M41TC8025
Highly accurate, temperature-compensated
serial real-time clock (RTC) with embedded crystal
Data brief
Features
■ Embedded high-stability 32 KHz DTCXO
■ Temperature-compensated serial real-time
clock
– ±5.0 ppm max from -40 to 85 °C
– ±3.8 ppm max from 0 to 50 °C
■ Supply voltage
– Clock operating & timekeeping: 1.6 to 5.5 V
–I2C interface operating: 1.8 to 5.5 V
– Temperature compensation: 2.2 to 5.5 V
■ 0.8 µA typical current at 3.0 V supply voltage
■ 400 kHz I2C interface
■ Time-of-day alarm (with interrupt)
■ Fixed-cycle timer interrupt function
■ Time update interrupt function
■ Programmable frequency output
– FOUT = 1 Hz, 1 KHz and 32 KHz
■ Registers for seconds, minutes, hours, day-of-
week, date (day of month), month and year
with automatic leap year compensation
■ Programmable temperature compensation
intervals (0.5 s, 2 s default, 10 s, 30 s)
Applications
■ Power meters
■ Industrial applications
Description
The M41TC8025 is a serial I2C real-time clock
(RTC) incorporating temperature compensation to
maintain accurate timekeeping over the industrial
temperature range of -40 to +85 °C. In addition to
providing date and time (seconds, minutes, hours,
day-of-week, date (day of month), month and
year), the device also provides an alarm function,
fixed-cycle timer, time update interrupt and
programmable frequency outputs (1 Hz, 1 KHz
and 32 KHz).
The M41TC8025 is provided in a 200 mil, 14-pin
SOIC package.
SO14
14-pin SOIC
Table 1.
Device summary
Order code
Accuracy
Package
M41TC8025AMC6F
±5.0 ppm (-40 to 85 °C)
±3.8 ppm (0 to 50 °C)
SO14
www.st.com


Similar Part No. - M41TC8025

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41TC8025 STMICROELECTRONICS-M41TC8025 Datasheet
1Mb / 41P
Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
20-May-2013
M41TC8025AMC5F STMICROELECTRONICS-M41TC8025AMC5F Datasheet
1Mb / 41P
Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
20-May-2013
M41TC8025AMC6F STMICROELECTRONICS-M41TC8025AMC6F Datasheet
1Mb / 41P
Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
20-May-2013
M41TC8025AMC7F STMICROELECTRONICS-M41TC8025AMC7F Datasheet
1Mb / 41P
Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
20-May-2013
M41TC8025CMC5F STMICROELECTRONICS-M41TC8025CMC5F Datasheet
1Mb / 41P
Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
20-May-2013
More results

Similar Description - M41TC8025

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
Real Time Clock (RTC)
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
Serial Alarm Real Time Clock RTC
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
logo
STMicroelectronics
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
logo
MICORO CRYSTAL SWITZERL...
RV-3029 MICROCRYSTAL-RV-3029 Datasheet
1Mb / 67P
DTCXO Temperature Compensated Real Time Clock
logo
Texas Instruments
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
Real-Time Clock (RTC)
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com