Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet (PDF) - STMicroelectronics

M41TC8025 Datasheet PDF - STMicroelectronics
Part # M41TC8025
Download  M41TC8025 Download
File Size   1300.2 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal

M41TC8025 Datasheet (PDF)

Go To PDF Page Download Datasheet
M41TC8025 Datasheet PDF - STMicroelectronics

Part # M41TC8025
Download  M41TC8025 Click to download

File Size   1300.2 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal

M41TC8025 Datasheet (HTML) - STMicroelectronics


M41TC8025 Product details

Features
 Embedded high-stability 32 KHz DTCXO
 Accuracy: ±3.8 ppm max from 0 to 50°C
 Supply voltage: 1.6 to 5.5 V
 Current: 0.8 μA typical at 3.0 V
 400 kHz I2C interface
 Time-of-day alarm (with interrupt)
 Fixed-cycle timer interrupt function
 Time update interrupt function
 Programmable frequency output: 1 Hz, 1 KHz
and 32 KHz
 Registers for seconds, minutes, hours, day-ofweek,
date (day of month), month and year
with automatic leap year compensation
 Programmable temperature compensation
intervals: 0.5 s, 2 s (default), 10 s, 30 s




Similar Part No. - M41TC8025

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41TC8025 STMICROELECTRONICS-M41TC8025 Datasheet
187Kb / 8P
Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
21-Sep-2012
More results


Similar Description - M41TC8025

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
Real Time Clock (RTC)
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
Serial Alarm Real Time Clock RTC
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
logo
STMicroelectronics
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
M41TC8025 STMICROELECTRONICS-M41TC8025 Datasheet
187Kb / 8P
Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
21-Sep-2012
logo
MICORO CRYSTAL SWITZERL...
RV-3029 MICROCRYSTAL-RV-3029 Datasheet
1Mb / 67P
DTCXO Temperature Compensated Real Time Clock
logo
Texas Instruments
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
Real-Time Clock (RTC)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com