Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 1 Page - STMicroelectronics

  M41TC8025 Datasheet HTML 1Page - STMicroelectronics M41TC8025 Datasheet HTML 2Page - STMicroelectronics M41TC8025 Datasheet HTML 3Page - STMicroelectronics M41TC8025 Datasheet HTML 4Page - STMicroelectronics M41TC8025 Datasheet HTML 5Page - STMicroelectronics M41TC8025 Datasheet HTML 6Page - STMicroelectronics M41TC8025 Datasheet HTML 7Page - STMicroelectronics M41TC8025 Datasheet HTML 8Page - STMicroelectronics M41TC8025 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
This is information on a product in full production.
May 2013
DocID022873 Rev 4
1/41
41
M41TC8025
Highly accurate, temperature-compensated
serial real-time clock (RTC) with embedded crystal
Datasheet
- production data
Features
 Embedded high-stability 32 KHz DTCXO
 Accuracy: ±3.8 ppm max from 0 to 50°C
 Supply voltage: 1.6 to 5.5 V
 Current: 0.8 μA typical at 3.0 V
 400 kHz I2C interface
 Time-of-day alarm (with interrupt)
 Fixed-cycle timer interrupt function
 Time update interrupt function
 Programmable frequency output: 1 Hz, 1 KHz
and 32 KHz
 Registers for seconds, minutes, hours, day-of-
week, date (day of month), month and year
with automatic leap year compensation
 Programmable temperature compensation
intervals: 0.5 s, 2 s (default), 10 s, 30 s
Applications
 Power meters
 Industrial applications
Description
The M41TC8025 is a serial I2C real-time clock
(RTC) incorporating temperature compensation to
maintain accurate timekeeping over the extended
temperature range of -45 to +70 °C or the
industrial temperature range of -40 to +85 °C. In
addition to providing date and time (seconds,
minutes, hours, day-of-week, date (day of month),
month and year), the device also provides an
alarm function, fixed-cycle timer, time update
interrupt and programmable frequency outputs
(1 Hz, 1 KHz and 32 KHz).
The M41TC8025 is provided in a 200-mil, 14-pin
SOIC package.
SO14
14-pin SOIC
Table 1. Device summary
Order code
Accuracy
Package
M41TC8025AMC6F
±5.0 ppm (-40 to 85 °C)
±3.8 ppm (0 to 50 °C)
SO14
M41TC8025CMC7F(1)
1. Contact local ST sales office for availability.
±5.0 ppm (-45 to 70°C)
±3.8 ppm (0 to 50 °C)
SO14
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - M41TC8025

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41TC8025 STMICROELECTRONICS-M41TC8025 Datasheet
187Kb / 8P
Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
21-Sep-2012
More results

Similar Description - M41TC8025

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
Real Time Clock (RTC)
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
Serial Alarm Real Time Clock RTC
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
logo
STMicroelectronics
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
M41TC8025 STMICROELECTRONICS-M41TC8025 Datasheet
187Kb / 8P
Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
21-Sep-2012
logo
MICORO CRYSTAL SWITZERL...
RV-3029 MICROCRYSTAL-RV-3029 Datasheet
1Mb / 67P
DTCXO Temperature Compensated Real Time Clock
logo
Texas Instruments
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com