Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 32 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 28Page - STMicroelectronics M41TC8025 Datasheet HTML 29Page - STMicroelectronics M41TC8025 Datasheet HTML 30Page - STMicroelectronics M41TC8025 Datasheet HTML 31Page - STMicroelectronics M41TC8025 Datasheet HTML 32Page - STMicroelectronics M41TC8025 Datasheet HTML 33Page - STMicroelectronics M41TC8025 Datasheet HTML 34Page - STMicroelectronics M41TC8025 Datasheet HTML 35Page - STMicroelectronics M41TC8025 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Maximum ratings
M41TC8025
32/41
DocID022873 Rev 4
3
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Table 24. Absolute maximum ratings
Symbol
Parameter
Value(1)
1. Data based on characterization results, not tested in production.
Unit
TSTG
Storage temperature (VCC off, oscillator off)
-55 to +125
°C
VCC
Supply voltage
-0.3 to 7.0
V
TSLD(2)
2. Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
°C
VIO
Input voltage on FOE pin
-0.3 to VCC +0.3
V
Input voltage on SCL and SDA pins
-0.3 to 7.0
Output voltage on FOUT pin
-0.3 to VCC +0.3
Output voltage on SDA and IRQ pins
-0.3 to 7.0
JA
Thermal resistance (junction to ambient)
75
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com