Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 13Page - STMicroelectronics M41TC8025 Datasheet HTML 14Page - STMicroelectronics M41TC8025 Datasheet HTML 15Page - STMicroelectronics M41TC8025 Datasheet HTML 16Page - STMicroelectronics M41TC8025 Datasheet HTML 17Page - STMicroelectronics M41TC8025 Datasheet HTML 18Page - STMicroelectronics M41TC8025 Datasheet HTML 19Page - STMicroelectronics M41TC8025 Datasheet HTML 20Page - STMicroelectronics M41TC8025 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
DocID022873 Rev 4
17/41
M41TC8025
Operation
The RESET bit in the control register 0Fh is related to the clock counter operations.
If RESET=1, the internal clock divider below 4 KHz will be stopped and the RTC module's
internal counter value will be cleared. The updating of seconds, minutes, hours, day-of-
week, date (day of month), month and year registers will be stopped. As a result, the alarm
function, the time update interrupt and part of the fixed-cycle interrupt (clock source <4 KHz)
will be stopped.
If RESET=0, the clock divider below 4 KHz operates normally. All the updates of the clock
and calendar and interrupts return to normal operation.
Once the RESET bit is set to 1, it will be automatically cleared to 0 upon a STOP condition,
a RE-START condition or the 0.95 second I2C timeout occurrence.
2.4.4
Temperature compensation
The M41TC8025 RTC incorporates a temperature sensor to monitor the device temperature
and compensate the internal clock source so that accurate timekeeping over the extended
temperature range of -45 to +70 °C or the industrial temperature range of -40 to +85 °C is
maintained. The compensation period can be configured by the user to 0.5 s, 2 s, 10 s or
30 s. The related register bits (CSEL1 and CSEL0, highlighted in bold) are shown in
Table 10 and the detailed configuration is given in Table 11.
2.5
Programmable frequency output on FOUT pin
The M41TC8025 RTC provides programmable accurate 1 Hz, 1,024 Hz (1 KHz) and
32,768 Hz (32 KHz) square wave output on the FOUT pin. The user can configure the
output frequency through the FSEL1 and FSEL0 bits in the 0Dh register. The FOUT pin is a
CMOS output and controlled by the FOE pin.
If the FOE pin is logic high, the FOUT output is enabled. If the FOE pin is logic low, the
FOUT output is disabled and is Hi-Z.
Table 10. Temperature compensation bits in control register 0Fh
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0Fh
Control register CSEL1 CSEL0
UIE
TIE
AIE
0
0
RESET
Table 11. Temperature compensation period configuration
CSEL1
CSEL0
Compensation period
Comment
0
0
0.5 s
0
1
2 s
Default
1
0
10 s
1
1
30 s
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com